Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 17Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 18Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 19Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 20Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 21Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 22Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 23Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 24Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 25Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 21
Version 2.1
2.1.2 CODE OPTION TABLE
Code Option
Content
Function Dsecription
Noise_Filter
Enable
Enable Noise Filter and the Fcpu is Fosc/4~Fosc/16.
Disable
Disable Noise Filter and the Fcpu is Fosc/1~Fosc/16.
Fcpu
Fhosc/1
Instruction cycle is oscillator clock.
Notice: In Fosc/1, Noise Filter must be disabled.
IHRC_16M and IHRC_RTC modes don't support Fosc/1.
Fhosc/2
Instruction cycle is 2 oscillator clocks.
Notice: In Fosc/2, Noise Filter must be disabled.
IHRC_16M and IHRC_RTC modes don't support Fosc/2.
Fhosc/4
Instruction cycle is 4 oscillator clocks.
Fhosc/8
Instruction cycle is 8 oscillator clocks.
Fhosc/16
Instruction cycle is 16 oscillator clocks.
High_Clk
IHRC_16M
High speed internal 16MHz RC. XIN/XOUT become to P1.3/P1.2
bi-direction I/O pins.
Fcpu range is Fosc/4~Fosc/16 in IHRC_16M .
IHRC_RTC
High speed internal 16MHz RC with 0.5sec RTC. XIN/XOUT pins connect
with 32768Hz crystal for RTC clock source.
Fcpu range is Fosc/4~Fosc/16 in IHRC_RTC .
RC
Low cost RC for external high clock oscillator and XOUT becomes to P1.2
bit-direction I/O pin.
32K X’tal
Low frequency, power saving crystal (e.g. 32.768KHz) for external high
clock oscillator.
12M X’tal
High speed crystal /resonator (e.g. 12MHz) for external high clock
oscillator.
4M X’tal
Standard crystal /resonator (e.g. 4M) for external high clock oscillator.
Watch_Dog
Always_On
Watchdog timer is always on enable even in power down and green
mode.
Enable
Enable watchdog timer. Watchdog timer stops in power down mode and
green mode.
Disable
Disable Watchdog function.
Reset_Pin
Reset
Enable External reset pin.
P11
Enable P1.1 input only without pull-up resister.
LVD
LVD_L
LVD will reset chip if VDD is below 2.0V
LVD_M
LVD will reset chip if VDD is below 2.0V
Enable LVD24 bit of PFLAG register for 2.4V low voltage indicator.
LVD_H
LVD will reset chip if VDD is below 2.4V
Enable LVD36 bit of PFLAG register for 3.6V low voltage indicator.
Security
Enable
Enable ROM code Security function.
Disable
Disable ROM code Security function.
Note:
1.
In high noisy environment, enable “Noise Filter” and set Watch_Dog as “Always_On”
is strongly recommended. Enable
“Noise_Filter” will limit the Fcpu = Fosc/4 ~ Fosc/16.
2.
If users define watchdog as
“Always_On”, assembler will Enable “Watch_Dog”
automatically.
3.
Fcpu code option is only available for High Clock. Fcpu of slow mode is Fosc/4 (the
Fosc is internal low clock).
4.
In IHRC_16M and IHRC_RTC modes, the Fcpu is Fosc/4~Fosc.16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com