Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 35Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 36Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 37Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 38Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 39Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 40Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 41Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 42Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 39
Version 2.1
3.4.1 THE SYSTEM OPERATING VOLTAGE
To improve the brown out reset needs to know the system minimum operating voltage which is depend on the system
executing rate and power level. Different system executing rates have different system minimum operating voltage.
The electrical characteristic section shows the system voltage to executing rate relationship.
Vdd (V)
System Rate (Fcpu)
System Mini.
Operating Voltage.
System Reset
Voltage.
Dead-Band Area
Normal Operating
Area
Reset Area
Normally the system operation voltage area is higher than the system reset voltage to VDD, and the reset voltage is
decided by LVD detect level. The system minimum operating voltage rises when the system executing rate upper even
higher than system reset voltage. The dead-band definition is the system minimum operating voltage above the system
reset voltage.
3.4.2 LOW VOLTAGE DETECTOR (LVD)
VDD
VSS
System Normal Run
System Stop
LVD Detect Voltage
Power On
Delay Time
Power
System Status
Power is below LVD Detect
Voltage and System Reset.
The LVD (low voltage detector) is built-in Sonix 8-bit MCU to be brown out reset protection. When the VDD drops and
is below LVD detect voltage, the LVD would be triggered, and the system is reset. The LVD detect level is different by
each MCU. The LVD voltage level is a point of voltage and not easy to cover all dead-band range. Using LVD to
improve brown out reset is depend on application requirement and environment. If the power variation is very deep,
violent and trigger the LVD, the LVD can be the protection. If the power variation can touch the LVD detect level and
make system work error, the LVD can’t be the protection and need to other reset methods. More detail LVD information
is in the electrical characteristic section.
The LVD is three levels design (2.0V/2.4V/3.6V) and controlled by LVD code option. The 2.0V LVD is always enable for
power on reset and Brown Out reset. The 2.4V LVD includes LVD reset function and flag function to indicate VDD
status function. The 3.6V includes flag function to indicate VDD status. LVD flag function can be an easy low battery
detector. LVD24, LVD36 flags indicate VDD voltage level. For low battery detect application, only checking LVD24,
LVD36 status to be battery status. This is a cheap and easy solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com