Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBP2501BPB Datasheet(PDF) 52 Page - SONiX Technology Company

Part # SMBP2501BPB
Description  8-Bit Micro-Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SMBP2501BPB Datasheet(HTML) 52 Page - SONiX Technology Company

Back Button SMBP2501BPB Datasheet HTML 48Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 49Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 50Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 51Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 52Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 53Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 54Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 55Page - SONiX Technology Company SMBP2501BPB Datasheet HTML 56Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
SN8P2501B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 52
Version 2.1
4.5 SYSTEM LOW CLOCK
The system low clock source is the internal low-speed oscillator built in the micro-controller. The low-speed oscillator
uses RC type oscillator circuit. The frequency is affected by the voltage and temperature of the system. In common
condition, the frequency of the RC oscillator is about 16KHz at 3V and 32KHz at 5V. The relation between the RC
frequency and voltage is as the following figure.
Internal Low RC Frequency
7.52
10.64
14.72
16.00
17.24
18.88
22.24
25.96
29.20
32.52
35.40
38.08
40.80
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
2.1 2.5
3
3.1 3.3 3.5
4
4.5
5
5.5
6
6.5
7
VDD (V)
ILRC
The internal low RC supports watchdog clock source and system slow mode controlled by CLKMD.
Flosc = Internal low RC oscillator (about 16KHz @3V, 32KHz @5V).
Slow mode Fcpu = Flosc / 4
There are two conditions to stop internal low RC. One is power down mode, and the other is green mode of 32K mode
and watchdog disable. If system is in 32K mode and watchdog disable, only 32K oscillator actives and system is under
low power consumption.
Example: Stop internal low-speed oscillator by power down mode.
B0BSET
FCPUM0
; To stop external high-speed oscillator and internal low-speed
; oscillator called power down mode (sleep mode).
Note: The internal low-speed clock can
’t be turned off individually. It is controlled by CPUM0, CPUM1
(32K, watchdog disable) bits of OSCM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com