Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 11Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 12Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 13Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 15Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 16Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 17Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 18Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
15 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is
enabled, the INT pin follows the condition of bit AF. AF will remain set until cleared by the
interface. Once AF has been cleared, it will only be set again when the time increments to
match the alarm condition once more. Alarm registers which have their AE_x bit at logic 1
are ignored.
8.7 Register CLKOUT_control and clock output
Frequencies of 32.768 kHz (default), 1.024 kHz, 32 Hz, and 1 Hz can be generated for
use as a system clock, microcontroller clock, input to a charge pump, or for calibration of
the oscillator.
[1]
Default value.
(1) Only when all enabled alarm settings are matching.
It’s only on increment to a matched case that the alarm flag is set, see Section 8.6.5.
Fig 9.
Alarm function block diagram
013aaa088
WEEKDAY ALARM
AEN_W
WEEKDAY TIME
=
DAY ALARM
AEN_D
DAY TIME
=
HOUR ALARM
AEN_H
HOUR TIME
=
MINUTE ALARM
AEN_M
MINUTE TIME
=
check now signal
set alarm flag AF (1)
AEN_M = 1
1
0
example
Table 22.
CLKOUT_control - CLKOUT control register (address 0Dh) bit description
Bit
Symbol
Value
Description
7
FE
0
the CLKOUT output is inhibited and CLKOUT output is
set high-impedance
1[1]
the CLKOUT output is activated
6 to 2 -
-
unused
1 to 0 FD[1:0]
frequency output at pin CLKOUT
00[1]
32.768 kHz
01
1.024 kHz
10
32 Hz
11
1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com