Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8563T/F4 Datasheet HTML 1Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 2Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 3Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 4Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 5Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 6Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 7Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 8Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
5 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
7.2 Pin description
[1]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and
should be electrically isolated. It is good engineering practice to solder the exposed pad to an electrically
isolated PCB copper pad for better heat transfer but it is not required as the RTC doesn’t consume much
power. In no case should traces be run under the package exposed pad.
Table 3.
Pin description
Symbol
Pin
Description
SO8, TSSOP8
HVSON10
OSCI
1
1
oscillator input
OSCO
2
2
oscillator output
INT
3
4
interrupt output (open-drain; active LOW)
VSS
45[1]
ground
SDA
5
6
serial data input and output
SCL
6
7
serial clock input
CLKOUT
7
8
clock output, open-drain
VDD
8
9
supply voltage
n.c.
-
3, 10
not connected; do not connect and do not
use as feed through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com