Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 15Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 16Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 17Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 18Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 19Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 20Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 21Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
18 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.10 STOP bit function
The function of the STOP bit is to allow for accurate starting of the time circuits. The STOP
bit function will cause the upper part of the prescaler (F2 to F14) to be held in reset and
thus no 1 Hz ticks will be generated (see Figure 10). The time circuits can then be set and
will not increment until the STOP bit is released (see Figure 11 and Table 26).
The STOP bit function will not affect the output of 32.768 kHz on CLKOUT, but will stop
the generation of 1.024 kHz, 32 Hz, and 1 Hz.
The lower two stages of the prescaler (F0 and F1) are not reset; and because the I2C-bus
is asynchronous to the crystal oscillator, the accuracy of re-starting the time circuits will be
between zero and one 8.192 kHz cycle (see Figure 11).
Fig 10. STOP bit functional diagram
013aaa089
OSCILLATOR
OSCILLATOR STOP
DETECTOR
F0
F1
F13
RESET
F14
RESET
F2
RESET
1024 Hz
32 Hz
1 Hz tick
STOP
CLKOUT source
reset
32768 Hz
1 Hz
Fig 11. STOP bit release timing
001aaf912
8192 Hz
stop released
0
μs to 122 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com