Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 20Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 21Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 22Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 23Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 24Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 25Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 26Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 27Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
24 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
(1) At this moment master transmitter becomes master receiver and PCF8563 slave receiver becomes slave transmitter.
Fig 19. Master reads after setting register address (write register address; READ data)
S
0A
SLAVE ADDRESS
REGISTER ADDRESS A
A
R/W
A
DATA
013aaa041
P
1
auto increment
memory register address
last byte
R/W
S1
n bytes
(1)
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from master
no acknowledgement
from master
auto increment
memory register address
SLAVE ADDRESS
DATA
Fig 20. Master reads slave immediately after first byte (READ mode)
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledgement
from slave
acknowledgement
from master
no acknowledgement
from master
R/W
auto increment
register address
013aaa347
auto increment
register address
n bytes
last byte
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com