Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 9Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 10Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 11Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 12Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 13Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 15Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 16Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
13 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
After this read/write access is completed, the time circuit is released again and any
pending request to increment the time counters that occurred during the read access is
serviced. A maximum of 1 request can be stored; therefore, all accesses must be
completed within 1 second (see Figure 8).
As a consequence of this method, it is very important to make a read or write access in
one go, that is, setting or reading seconds through to years should be made in one single
access. Failing to comply with this method could result in the time becoming corrupted.
As an example, if the time (seconds through to hours) is set in one access and then in a
second access the date is set, it is possible that the time may increment between the two
accesses. A similar problem exists when reading. A roll over may occur between reads
thus giving the minutes from one moment and the hours from the next.
Recommended method for reading the time:
1. Send a START condition and the slave address for write (A2h).
2. Set the address pointer to 2 (VL_seconds) by sending 02h.
3. Send a RESTART condition or STOP followed by START.
4. Send the slave address for read (A3h).
5. Read VL_seconds.
6. Read Minutes.
7. Read Hours.
8. Read Days.
9. Read Weekdays.
10. Read Century_months.
11. Read Years.
12. Send a STOP condition.
8.6 Alarm registers
8.6.1 Register Minute_alarm
Fig 8.
Access time for read/write operations
t < 1 s
013aaa215
SLAVE ADDRESS
DATA
STOP
DATA
START
Table 18.
Minute_alarm - minute alarm register (address 09h) bit description
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1[1]
-
minute alarm is disabled
6 to 4 MINUTE_ALARM
0 to 5
ten’s place
minute alarm information coded in BCD
format
3 to 0
0 to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com