Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 12Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 13Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 15Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 16Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 17Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 18Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 19Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
16 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.8 Timer function
The 8-bit countdown timer at address 0Fh is controlled by the Timer_control register at
address 0Eh. The Timer_control register determines one of 4 source clock frequencies for
the timer (4096 Hz, 64 Hz, 1 Hz, or 1⁄60 Hz), and enables or disables the timer. The timer
counts down from a software-loaded 8-bit binary value. At the end of every countdown,
the timer sets the timer flag TF. The TF may only be cleared by using the interface. The
asserted TF can be used to generate an interrupt on pin INT. The interrupt may be
generated as a pulsed signal every countdown period or as a permanently active signal
which follows the state of TF. Bit TI_TP is used to control this mode selection. When
reading the timer, the current countdown value is returned.
8.8.1 Register Timer_control
[1]
Default value.
[2]
These bits determine the source clock for the countdown timer; when not in use, TD[1:0] should be set to
1⁄60 Hz for power saving.
8.8.2 Register Timer
The register Timer is an 8-bit binary countdown timer. It is enabled and disabled via the
Timer_control register bit TE. The source clock for the timer is also selected by the
Timer_control register. Other timer properties such as interrupt generation are controlled
via the register Control_status_2.
For accurate read back of the count down value, it is recommended to read the register
twice and check for consistent results, since it is not possible to freeze the countdown
timer counter during read back.
Table 23.
Timer_control - timer control register (address 0Eh) bit description
Bit
Symbol
Value
Description
7TE
0[1]
timer is disabled
1
timer is enabled
6 to 2 -
-
unused
1 to 0 TD[1:0]
timer source clock frequency select[2]
00
4.096 kHz
01
64 Hz
10
1 Hz
11[2]
1⁄60 Hz
Table 24.
Timer - timer value register (address 0Fh) bit description
Bit
Symbol
Value
Description
7 to 0
TIMER[7:0]
00h to FFh
countdown period in seconds:
where n is the countdown value
Table 25.
Timer register bits value range
Bit
7
6
5
4
3
2
1
0
128
64
32
16
8421
CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com