Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/F4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8563T/F4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/F4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8563T/F4 Datasheet HTML 7Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 8Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 9Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 10Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 11Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 12Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 13Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 14Page - NXP Semiconductors PCF8563T/F4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
11 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.4.5 Register Weekdays
[1]
Definition may be re-assigned by the user.
8.4.6 Register Century_months
[1]
This bit may be re-assigned by the user.
[2]
This bit is toggled when the register Years overflows from 99 to 00.
Table 13.
Weekdays - weekdays register (address 06h) bit description
Bit
Symbol
Value
Description
7 to 3 -
-
unused
2 to 0 WEEKDAYS
0 to 6
actual weekday values, see Table 14
Table 14.
Weekday assignments
Day[1]
Bit
2
1
0
Sunday
0
0
0
Monday
0
0
1
Tuesday
0
1
0
Wednesday
0
1
1
Thursday
1
0
0
Friday
1
0
1
Saturday
110
Table 15.
Century_months - century flag and months register (address 07h) bit description
Bit
Symbol
Value
Place value Description
7C[1]
0[2]
-
indicates the century is x
1
-
indicates the century is x + 1
6 to 5 -
-
-
unused
4
MONTHS
0 to 1
ten’s place
actual month coded in BCD format, see Table 16
3 to 0
0 to 9
unit place
Table 16.
Month assignments in BCD format
Month
Upper-digit
(ten’s place)
Digit (unit place)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
0
0
0
0
1
February
0
0
0
1
0
March
0
0
0
1
1
April
00
100
May
00
101
June
00
110
July
00
111
August
01
000
September
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com