Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
30
35
40
45
50
SUPPLY VOLTAGE (V)
-50
-25
0
25
50
75
100 125
90.0
92.5
95.0
97.5
100.0
102.5
105.0
TEMPERATURE (°C)
+IN_PGA=500mV
-50
-25
0
25
50
75
100
125
30
35
40
45
50
TEMPERATURE (°C)
13
LMP91200
www.ti.com
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 31. PGA DC PSRR
vs Temperature
Figure 32. Supply Current
vs Temperature
Figure 33. Supply Current
vs Supply Voltage
7 Detailed Description
7.1 Overview
The LMP91200 is a sensor AFE for use in low-power, analytical-sensing applications. The LMP91200 is
designed for 2-electrode sensors. This device provides all of the functionality needed to detect changes based on
a delta voltage at the sensor. Optimized for low-power applications, the LMP91200 works over a voltage range of
1.8 V to 5.5 V. With its extremely low input bias current, it is optimized for use with pH sensors. Also, in the
absence of supply voltage, the very low input bias current reduces degradation of the pH probe when connected
to the LMP91200. Two guard pins provide support for high parasitic impedance wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com