Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
-50
-25
0
25
50
75
100 125
85
90
95
100
105
TEMPERATURE (°C)
VDD=1.8V
VDD=3.3V
VDD=5V
-50
-25
0
25
50
75
100 125
90
95
100
105
110
TEMPERATURE (°C)
-200 -150 -100 -50
0
50 100 150 200
0
3
6
9
12
15
VOSVCM ( V)
UNITS TESTED > 5000
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
0
5
10
15
20
25
30
35
40
TCVOSVCM ( V/°C)
UNITS TESTED > 5000
10
100
1k
10k
100k
60
65
70
75
80
85
90
FREQUENCY (Hz)
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
INP=1.65V
11
LMP91200
www.ti.com
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 19. pH Buffer CMRR
vs Frequency
Figure 20. pH Buffer PSRR
vs Frequency
Figure 21. VCM Buffer Input Voltage Offset
Figure 22. VCM Buffer TCVOS
Figure 23. VCM Buffer DC CMRR
vs Temperature
Figure 24. VCM Buffer DC PSRR
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com