Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
+INPGA=100mV
TIME (1s/DIV)
-50
-25
0
25
50
75
100 125
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
TEMPERATURE (°C)
PGA Gain = 5V/V
16
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
8.2.1.1 pH Measurement
The output of a pH electrode ranges from 415 mV to
−415 mV as the pH changes from 0 to 14 at 25°C. The
output impedance of a pH electrode is extremely high, ranging from 10 M
Ω to 1000 MΩ. The low input bias
current of the LMP91200 allows the voltage error produced by the input bias current and electrode resistance to
be minimal. For example, if the output impedance of the pH electrode used is 10 M
Ω and an operational amplifier
with 3 nA of Ibias is used, the error caused due to the input bias current of the amplifier and the source
resistance of the pH electrode is 30 mV! This error can be greatly reduced to 1.25 µV by using the LMP91200.
The pH measurement with the LMP91200 is straightforward. The pH electrode must be connected between the
VCM pin and the INP pin. The voltage at the VCM pin represents the internal zero of the system so the potential
of the electrode (voltage at INP pin) will be referred to the VCM voltage.
8.2.2 Detailed Design Procedure
The LMP91200 is configured to execute a pH measurement as described in the pH Measurement section.
8.2.3 Application Curves
Figure 35. PGA Gain Error vs Temp
Figure 36. PGA Time Domain Voltage Noise
Figure 37. PGA PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com