Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
-50
-25
0
25
50
75
100 125
80
85
90
95
100
105
VDD=1.8V
VDD=3.3V
VDD=5V
-50
-25
0
25
50
75
100 125
90
95
100
105
110
TEMPERATURE (°C)
-200 -150 -100 -50
0
50 100 150 200
0
3
6
9
12
15
18
VOSPH ( V)
UNITS TESTED > 5000
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
0
5
10
15
20
25
30
35
TCVOSPH ( V/°C)
UNITS TESTED > 5000
25
45
65
85
105
125
-500
-400
-300
-200
-100
0
100
200
300
400
500
TEMPERATURE (°C)
INP=1.65V
Average
Average -31
Average +31
25
50
75
100
125
-5
-4
-3
-2
-1
0
1
2
3
4
5
TEMPERATURE (°C)
INP-VCM = -100mV
INP-VCM = 100mV
Average
Average -31
Average +31
9
LMP91200
www.ti.com
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 7. pH Buffer Input Bias Current
vs Temp - Device ON
Figure 8. pH Buffer Input Bias Current
vs Temp - Device OFF
Figure 9. pH Buffer Input Voltage Offset
Figure 10. pH Buffer TCVOS
Figure 11. pH Buffer DC CMRR
vs Temperature
Figure 12. pH Buffer DC PSRR
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com