Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP91200MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
LMP91200
www.ti.com
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ >TA.
(2)
Positive current corresponds to current flowing into the device.
(3)
The voltage on any pin should not exceed 6 V relative to any other pins.
(4)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(5)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(6)
Boldface limits are production tested at 125°C. Limits are specified through correlations using the Statistical Quality Control (SQC)
method.
(7)
Excluding all currents which flows out from the device.
(8)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(9)
This parameter is specified by design and/or characterization and is not tested in production.
(10) Offset voltage long term drift is determined by dividing the change in VOS at time extremes of OPL procedure by the length of the OPL
procedure. OPL procedure: 500 hours at 150°C are equivalent to about 15 years.
(11) The short circuit test is a momentary open-loop test.
6.5 Electrical Characteristics
Unless otherwise specified, all limits specified for TA = 25°C. VS = (VDD – GND) = 3.3 V. VREF = 3.3 V.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN(4)
TYP(5)
MAX(4)
UNIT
POWER SUPPLY
Is
Supply Current(6)(7)
pH measurement mode
50
54
µA
at the temperature
extremes
59
pH BUFFER
AolpH
Open-loop Gain
INP = 1.65 V, 300 mV =
VOUT = VDD – 300 mV
120
dB
at the temperature
extremes
90
VospH
Input Voltage Offset(6)
INP = 1/2 VREF
–200
200
µV
at the temperature
extremes
–350
350
TcVospH
Input offset voltage drift(8)(9)
INP = 1/2 VREF
–2.5
2.5
uV/°C
VOSpH_drift
Long-term VOSpH drift
(10)
500 hours OPL
150
µV
IbpH
Input bias current at INP(9)
0 V < INP < 3.3 V
–125
125
fA
0 V < INP < 3.3 V, 85°C
–445
445
fA
0 V < INP < 3.3 V, 125°C
–1.5
1.5
pA
–500 mV < (INP – VCM) < 500 mV, VS = 0 V.
–600
600
fA
–500 mV < (INP – VCM) < 500 mV,
85°C, VS = 0 V.
–6.5
6.5
pA
–500 mV < (INP – VCM) < 500 mV,
125°C, VS = 0 V.
–100
100
pA
GBWPpH
Gain Bandwidth Product(9)
CL = 10 pF, RL = 1 MΩ
220
KHz
CMRRpH
DC_Common-mode rejection
ratio
INP = 1/2 VREF
80
dB
PSRRpH
DC_Power supply rejection
ratio
1.8 V < VDD < 5 V
INP = 1/2 VREF
80
dB
En_RMSpH
Input referred noise (low
frequency)(9)
Integrated 0.1 Hz to 10 Hz
2.6
µVPP
enpH
Input referred noise (high
frequency)(9)
f = 1 kHz
90
nV/
√Hz
IscpH
Output short circuit
current(11)
Sourcing, Vout to GND,
INP = 1.65 V
13
mA
at the temperature
extremes
10
Sinking, Vout to VDD,
INP = 1.65 V
12
mA
at the temperature
extremes
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com