Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
-275-220-165-110 -55 0
55 110 165 220 275
0
3
6
9
12
15
VOSPGA( V)
UNITS TESTED >5000
+IN_PGA=500mV
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
0
3
6
9
12
15
18
21
24
27
30
TCVOSPGA( V/°C)
UNITS TESTED >5000
+IN_PGA=500mV
-50
-25
0
25
50
75
100 125
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
TEMPERATURE (°C)
VCMHI=1/2VREF
1.8 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
SUPPLY VOLTAGE (V)
VCMHI=1/2VREF
TIME (1s/DIV)
10
100
1k
10k
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
VCMHI=1.65V
12
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 25. VCM Buffer Time Domain Voltage Noise
Figure 26. VCM Buffer PSRR
vs Frequency
Figure 27. VCMHI Error
vs Temp
Figure 28. VCMHI Error
vs Supply Voltage
Figure 29. PGA Input Voltage Offset
Figure 30. PGA TCVOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com