Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP91200MT/NOPB
Description  LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0.00
0.12
0.24
0.36
0.48
0.60
80
90
100
110
120
INP (V)
VDD=VREF=5V
4.4
4.5
4.6
4.7
4.8
4.9
5.0
60
70
80
90
100
110
120
INP (V)
VDD=VREF=5V
0.00
0.08
0.16
0.24
0.32
0.40
40
50
60
70
80
90
100
INP (V)
VDD=VREF=3.3V
2.9
3.0
3.1
3.2
3.3
60
70
80
90
100
110
120
INP (V)
VDD=VREF=3.3V
TIME (1s/DIV)
1
10
100
1k
-125
-100
-75
-50
-25
0
25
50
75
100
125
OPL TIME (h)
10
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 13. pH Buffer Time Domain Voltage Noise
Figure 14. pH Buffer Input Offset Voltage Drift
Figure 15. pH Buffer CMRR
vs VINP - Lower Rail
Figure 16. pH Buffer CMRR
vs VINP - upper rail
Figure 17. pH Buffer CMRR
vs VINP - lower rail
Figure 18. pH Buffer CMRR
vs VINP - upper rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com