Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 174 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 174 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 170Page - Microchip Technology LAN9252I/ML Datasheet HTML 171Page - Microchip Technology LAN9252I/ML Datasheet HTML 172Page - Microchip Technology LAN9252I/ML Datasheet HTML 173Page - Microchip Technology LAN9252I/ML Datasheet HTML 174Page - Microchip Technology LAN9252I/ML Datasheet HTML 175Page - Microchip Technology LAN9252I/ML Datasheet HTML 176Page - Microchip Technology LAN9252I/ML Datasheet HTML 177Page - Microchip Technology LAN9252I/ML Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 329 page
background image
LAN9252
DS00001909A-page 174
 2015 Microchip Technology Inc.
11.2.16.22 PHY x Special Control/Status Register (PHY_SPECIAL_CONTROL_STATUS_x)
This read/write register is used to control and monitor various options of the PHY.
Index (decimal): 31
Size:
16 bits
Bits
Description
Type
Default
15:13
RESERVED
RO
-
12
Autodone
This bit indicates the status of the Auto-Negotiation on the PHY.
0: Auto-Negotiation is not completed, is disabled, or is not active
1: Auto-Negotiation is completed
RO
0b
11:5
RESERVED - Write as 0000010b, ignore on read
R/W
0000010b
4:2
Speed Indication
This field indicates the current PHY speed configuration.
RO
XXXb
1:0
RESERVED
RO
0b
STATE
DESCRIPTION
000
RESERVED
001
10BASE-T Half-duplex
010
100BASE-TX Half-duplex
011
RESERVED
100
RESERVED
101
10BASE-T Full-duplex
110
100BASE-TX Full-duplex
111
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com