Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 84 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 84 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 80Page - Microchip Technology LAN9252I/ML Datasheet HTML 81Page - Microchip Technology LAN9252I/ML Datasheet HTML 82Page - Microchip Technology LAN9252I/ML Datasheet HTML 83Page - Microchip Technology LAN9252I/ML Datasheet HTML 84Page - Microchip Technology LAN9252I/ML Datasheet HTML 85Page - Microchip Technology LAN9252I/ML Datasheet HTML 86Page - Microchip Technology LAN9252I/ML Datasheet HTML 87Page - Microchip Technology LAN9252I/ML Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 329 page
background image
LAN9252
DS00001909A-page 84
 2015 Microchip Technology Inc.
9
Host Bus Interface Index / Data Register 1 Endianness Shadow 1
This bit is a shadow of bit 1.
R/W
0b
8
Host Bus Interface Index / Data Register 0 Endianness Shadow 1
This bit is a shadow of bit 0.
R/W
0b
7:4
RESERVED
RO
-
3
FIFO Endianness
This bit specifies the endianness of FIFO accesses when they are accessed
by means other than the Index / Data Register method.
0 = Little Endian
1 = Big Endian
Note:
In order to avoid any ambiguity with the endianness of this
register, bits 3, 11, 19 and 27 are shadowed. If any of these bits
are set during a write, all of the bits will be set.
R/W
0b
2
Host Bus Interface Index / Data Register 2 Endianness
This bit specifies the endianness of the Index and Data register set 2.
0 = Little Endian
1 = Big Endian
Note:
In order to avoid any ambiguity with the endianness of this
register, bits 2, 10, 18 and 26 are shadowed. If any of these bits
are set during a write, all of the bits will be set.
R/W
0b
1
Host Bus Interface Index / Data Register 1 Endianness
This bit specifies the endianness of the Index and Data register set 1.
0 = Little Endian
1 = Big Endian
Note:
In order to avoid any ambiguity with the endianness of this
register, bits 1, 9, 17 and 25 are shadowed. If any of these bits
are set during a write, all of the bits will be set.
R/W
0b
0
Host Bus Interface Index / Data Register 0 Endianness
This bit specifies the endianness of the Index and Data register set 0.
0 = Little Endian
1 = Big Endian
Note:
In order to avoid any ambiguity with the endianness of this
register, bits 0, 8, 16 and 24 are shadowed. If any of these bits
are set during a write, all of the bits will be set.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com