Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 51 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 51 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 47Page - Microchip Technology LAN9252I/ML Datasheet HTML 48Page - Microchip Technology LAN9252I/ML Datasheet HTML 49Page - Microchip Technology LAN9252I/ML Datasheet HTML 50Page - Microchip Technology LAN9252I/ML Datasheet HTML 51Page - Microchip Technology LAN9252I/ML Datasheet HTML 52Page - Microchip Technology LAN9252I/ML Datasheet HTML 53Page - Microchip Technology LAN9252I/ML Datasheet HTML 54Page - Microchip Technology LAN9252I/ML Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 51
LAN9252
7.0
CONFIGURATION STRAPS
Configuration straps allow various features of the device to be automatically configured to user defined values. Hard-
straps are latched upon Power-On Reset (POR), EtherCAT reset, or pin reset (RST#).
Configuration straps include internal resistors in order to prevent the signal from floating when unconnected. If a partic-
ular configuration strap is connected to a load, an external pull-up or pull-down resistor should be used to augment the
internal resistor to ensure that it reaches the required voltage level prior to latching. The internal resistor can also be
overridden by the addition of an external resistor.
7.1
Hard-Straps
Hard-straps are latched upon Power-On Reset (POR), EtherCAT reset, or pin reset (RST#) only. These straps are used
as either direct configuration values or as register defaults. Table 7-1 provides a list of all hard-straps and their associ-
ated pin. These straps, along with their pin assignments are also fully defined in Section 3.0, "Pin Descriptions and Con-
figuration," on page 11.
Note:
The system designer must guarantee that configuration strap pins meet the timing requirements specified
in Section 18.6.3, "Reset and Configuration Strap Timing". If configuration strap pins are not at the correct
voltage level prior to being latched, the device may capture incorrect strap values.
TABLE 7-1:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS
Strap Name
Description
Pins
eeprom_size_strap
EEPROM Size Strap:
Configures the EEPROM size range.
A low selects 1K bits (128 x 8) through 16K bits (2K x 8).
A high selects 32K bits (4K x 8) through 4Mbits (512K x 8).
E2PSIZE
chip_mode_strap[1:0]
EtherCAT Chip Mode Strap:
This strap determines the
number of active ports and port types.
00 = 2 port mode. Ports 0 and 1 are connected to inter-
nal PHYs A and B.
01 = reserved
10 = 3 port downstream mode. Ports 0 and 1 are con-
nected to internal PHYs A and B. Port 2 is connected to
the external MII pins.
11 = 3 port upstream mode. Ports 2 and 1 are connected
to internal PHYs A and B. Port 0 is connected to the
external MII pins.
CHIP_MODE1,
CHIP_MODE0
link_pol_strap_mii
EtherCAT MII Port Link Polarity Strap:
This strap deter-
mines the polarity of the MII_LINK pin.
0 = MII_LINK low means a 100 Mbit/s Full Duplex link is
established
1= MII_LINK high means a 100 Mbit/s Full Duplex link is
established
MII_LINKPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com