Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 22Page - Microchip Technology LAN9252I/ML Datasheet HTML 23Page - Microchip Technology LAN9252I/ML Datasheet HTML 24Page - Microchip Technology LAN9252I/ML Datasheet HTML 25Page - Microchip Technology LAN9252I/ML Datasheet HTML 26Page - Microchip Technology LAN9252I/ML Datasheet HTML 27Page - Microchip Technology LAN9252I/ML Datasheet HTML 28Page - Microchip Technology LAN9252I/ML Datasheet HTML 29Page - Microchip Technology LAN9252I/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 329 page
background image
LAN9252
DS00001909A-page 26
 2015 Microchip Technology Inc.
TABLE 3-12:
LED & CONFIGURATION STRAP PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Link/Activity
LED Port 2
LINKACTLED2
VOD12/
VOS12
This pin is the Link/Activity LED output (off=no link,
on=link without activity, blinking=link and activity) for
port 2.
This pin is configured to be an open-drain/open-
source output. The choice of open-drain vs. open-
source as well as the polarity of this pin depends
upon the strap value sampled at reset.
Note:
Refer to Section 12.10, "LEDs," on
page 208 to additional information.
MII Port
Link Polarity
Configuration
Strap
MII_LINKPOL
VIS
(PU)
This strap configures the polarity of the MII_LINK
pin by setting the value of link_pol_strap_mii. See
Note 10.
1
Run LED
RUNLED
VOD12/
VOS12
This pin is the Run LED output and is controlled by
the AL Status Register.
This pin is configured to be open-drain/open-source
output. The choice of open-drain vs. open-source as
well as the polarity of this pin depends upon the
strap value sampled at reset.
Note:
Refer to Section 12.10, "LEDs," on
page 208 to additional information.
EEPROM Size
Configuration
Strap
E2PSIZE
VIS
(PU)
This strap configures the value of the EEPROM
size hard-strap. See Note 10.
A low selects 1K bits (128 x 8) through 16K bits (2K
x 8).
A high selects 32K bits (4K x 8) through 4Mbits
(512K x 8).
1
Link / Activity
LED Port 1
LINKACTLED1
VOD12/
VOS12
This pin is the Link/Activity LED output (off=no link,
on=link without activity, blinking=link and activity) for
port 1.
This pin is configured to be open-drain/open-source
output. The choice of open-drain vs. open-source as
well as the polarity of this pin depends upon the
strap value sampled at reset.
Note:
Refer to Section 12.10, "LEDs," on
page 208 to additional information.
Chip Mode
Configuration
Strap 1
CHIP_MODE1
VIS
(PU)
This strap, along with CHIP_MODE0, configures
the value of the Chip Mode hard-strap. See
Note 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com