Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 61 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 61 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 57Page - Microchip Technology LAN9252I/ML Datasheet HTML 58Page - Microchip Technology LAN9252I/ML Datasheet HTML 59Page - Microchip Technology LAN9252I/ML Datasheet HTML 60Page - Microchip Technology LAN9252I/ML Datasheet HTML 61Page - Microchip Technology LAN9252I/ML Datasheet HTML 62Page - Microchip Technology LAN9252I/ML Datasheet HTML 63Page - Microchip Technology LAN9252I/ML Datasheet HTML 64Page - Microchip Technology LAN9252I/ML Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 61
LAN9252
8.3.3
INTERRUPT ENABLE REGISTER (INT_EN)
This register contains the interrupt enables for the IRQ output pin. Writing 1 to any of the bits enables the corresponding
interrupt as a source for IRQ. Bits in the Interrupt Status Register (INT_STS) register will still reflect the status of the
interrupt source regardless of whether the source is enabled as an interrupt in this register (with the exception of Soft-
ware Interrupt Enable (SW_INT_EN). For descriptions of each interrupt, refer to the Interrupt Status Register (INT_STS)
bits, which mimic the layout of this register.
Offset:
05Ch
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt Enable (SW_INT_EN)
R/W
0b
30
Device Ready Enable (READY_EN)
R/W
0b
29
RESERVED
RO
-
28
RESERVED
RO
-
27
PHY B Interrupt Event Enable (PHY_INT_B_EN)
R/W
0b
26
PHY A Interrupt Event Enable (PHY_INT_A_EN)
R/W
0b
25:23
RESERVED
RO
-
22
RESERVED
RO
-
21:20
RESERVED
RO
-
19
GP Timer Interrupt Enable (GPT_INT_EN)
R/W
0b
18
RESERVED
RO
-
17
Power Management Event Interrupt Enable (PME_INT_EN)
R/W
0b
16:13
RESERVED
RO
-
12
RESERVED
RO
-
11:3
RESERVED
RO
-
2:1
RESERVED
RO
-
0
EtherCAT Interrupt Event Enable (ECAT_INT_EN)
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com