Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 87Page - Microchip Technology LAN9252I/ML Datasheet HTML 88Page - Microchip Technology LAN9252I/ML Datasheet HTML 89Page - Microchip Technology LAN9252I/ML Datasheet HTML 90Page - Microchip Technology LAN9252I/ML Datasheet HTML 91Page - Microchip Technology LAN9252I/ML Datasheet HTML 92Page - Microchip Technology LAN9252I/ML Datasheet HTML 93Page - Microchip Technology LAN9252I/ML Datasheet HTML 94Page - Microchip Technology LAN9252I/ML Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 91
LAN9252
16-BIT READ AND WRITE
For writes, the address is set to access the lower WORD of the Configuration Register. Data on D[15:0] is written on the
trailing edge of WR. The cycle repeats for the upper WORD of the Configuration Register, if desired by the host.
For reads, the address is set to access the lower WORD of the Configuration Register. Read data is driven on D[15:0]
during RD active. The cycle repeats for the upper WORD of the Configuration Register, if desired by the host.
8-BIT READ AND WRITE
For writes, the address is set to access the lower BYTE of the Configuration Register. Data on D[7:0] is written on the
trailing edge of WR. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs of the Configuration
Register, if desired by the host.
For reads, the address is set to access the lower BYTE of the Configuration Register. Read data is driven on D[7:0]
during RD active. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs of the Configuration
Register, if desired by the host.
FIGURE 9-25:
INDEXED ADDRESSING CONFIGURATION REGISTER ACCESS - 16-BIT WRITE/
READ
FIGURE 9-26:
INDEXED ADDRESSING CONFIGURATION REGISTER ACCESS - 8-BIT WRITE/
READ
CS
RD
WR
CONFIG,1'b0
Data 15:8
D[15:8]
A[4:1]
CONFIG,1'b1
Data 31:24
Data 7:0
D[7:0]
Data 23:16
CONFIG,1'b0
Data 15:8
Data 7:0
CONFIG,1'b1
Data 31:24
Data 23:26
CS
RD
WR
CONFIG,2'b00
D[15:8]
A[4:0]
CONFIG,2'b01
Data 7:0
D[7:0]
Data 15:8
CONFIG,2'b00
CONFIG,2'b01
CONFIG,2'b10
CONFIG,2'b11
Data 23:16
Data 31:24
Hi-Z
Data 7:0
Data 15:8
Data 23:16
Data 31:24
CONFIG,2'b10
CONFIG,2'b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com