Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 100 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 100 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 96Page - Microchip Technology LAN9252I/ML Datasheet HTML 97Page - Microchip Technology LAN9252I/ML Datasheet HTML 98Page - Microchip Technology LAN9252I/ML Datasheet HTML 99Page - Microchip Technology LAN9252I/ML Datasheet HTML 100Page - Microchip Technology LAN9252I/ML Datasheet HTML 101Page - Microchip Technology LAN9252I/ML Datasheet HTML 102Page - Microchip Technology LAN9252I/ML Datasheet HTML 103Page - Microchip Technology LAN9252I/ML Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 329 page
background image
LAN9252
DS00001909A-page 100
 2015 Microchip Technology Inc.
9.5.7.2
Write Timing Requirements
If RD and WR signaling is used, a host write cycle begins when WR is asserted with CS active. The cycle ends when
WR is de-asserted. CS maybe asserted and de-asserted along with WR but not during WR active.
Alternatively, if RD_WR and ENB signaling is used, a host write cycle begins when ENB is asserted with CS active and
RD_WR indicating a write. The cycle ends when ENB is de-asserted. CS maybe asserted and de-asserted along with
ENB but not during ENB active.
Please refer to Section 9.5.6, "Indexed Address Mode Functional Timing Diagrams," on page 90 for functional descrip-
tions.
FIGURE 9-37:
INDEXED ADDRESSING WRITE CYCLE TIMING
TABLE 9-5:
INDEXED ADDRESSING WRITE CYCLE TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tcswr
CS Setup to WR or ENB Active
0
ns
twrcs
CS Hold from WR or ENB Inactive
0
ns
tas
Address Setup to WR or ENB Active
0
ns
tah
Address Hold from to WR or ENB Inactive
0
ns
trdwrs
RD_WR Setup to ENB Active
Note 16
5ns
trdwrh
RD_WR Hold from ENB Inactive
Note 16
5ns
tds
Data Setup to WR or ENB Inactive
7
ns
tdh
Data Hold from WR or ENB Inactive
0
ns
twr
WR or ENB Active Time
32
ns
ENB, WR
D[7:0]
RD
CS
twr
twrwr
twrrd
twrcyc
RD_WR
trdwrh
tcswr
twrcs
tds
tdh
D[15:8]
A[4:0]
tas
tah
trdwrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com