Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 98Page - Microchip Technology LAN9252I/ML Datasheet HTML 99Page - Microchip Technology LAN9252I/ML Datasheet HTML 100Page - Microchip Technology LAN9252I/ML Datasheet HTML 101Page - Microchip Technology LAN9252I/ML Datasheet HTML 102Page - Microchip Technology LAN9252I/ML Datasheet HTML 103Page - Microchip Technology LAN9252I/ML Datasheet HTML 104Page - Microchip Technology LAN9252I/ML Datasheet HTML 105Page - Microchip Technology LAN9252I/ML Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 329 page
background image
LAN9252
DS00001909A-page 102
 2015 Microchip Technology Inc.
10.0
SPI/SQI SLAVE
10.1
Functional Overview
The SPI/SQI Slave module provides a low pin count synchronous slave interface that facilitates communication between
the device and a host system. The SPI/SQI Slave allows access to the System CSRs and internal FIFOs and memories.
It supports single and multiple register read and write commands with incrementing, decrementing and static address-
ing. Single, Dual and Quad bit lanes are supported in SPI mode with a clock rate of up to 80 MHz. SQI mode always
uses four bit lanes and also operates at up to 80 MHz.
The following is an overview of the functions provided by the SPI/SQI Slave:
• Serial Read: 4-wire (clock, select, data in and data out) reads at up to 30 MHz. Serial command, address and
data. Single and multiple register reads with incrementing, decrementing or static addressing.
• Fast Read: 4-wire (clock, select, data in and data out) reads at up to 80 MHz. Serial command, address and data.
Dummy byte(s) for first access. Single and multiple register reads with incrementing, decrementing or static
addressing.
• Dual / Quad Output Read: 4 or 6-wire (clock, select, data in / out) reads at up to 80 MHz. Serial command and
address, parallel data. Dummy byte(s) for first access. Single and multiple register reads with incrementing, decre-
menting or static addressing.
• Dual / Quad I/O Read: 4 or 6-wire (clock, select, data in / out) reads at up to 80 MHz. Serial command, parallel
address and data. Dummy byte(s) for first access. Single and multiple register reads with incrementing, decre-
menting or static addressing.
• SQI Read: 6-wire (clock, select, data in / out) writes at up to 80 MHz. Parallel command, address and data.
Dummy byte(s) for first access. Single and multiple register reads with incrementing, decrementing or static
addressing.
• Write: 4-wire (clock, select, data in and data out) writes at up to 80 MHz. Serial command, address and data. Sin-
gle and multiple register writes with incrementing, decrementing or static addressing.
• Dual / Quad Data Write: 4 or 6-wire (clock, select, data in / out) writes at up to 80 MHz. Serial command and
address, parallel data. Single and multiple register writes with incrementing, decrementing or static addressing.
• Dual / Quad Address / Data Write: 4 or 6-wire (clock, select, data in / out) writes at up to 80 MHz. Serial com-
mand, parallel address and data. Single and multiple register writes with incrementing, decrementing or static
addressing.
• SQI Write: 6-wire (clock, select, data in / out) writes at up to 80 MHz. Parallel command, address and data. Single
and multiple register writes with incrementing, decrementing or static addressing.
10.2
SPI/SQI Slave Operation
Input data on the SIO[3:0] pins is sampled on the rising edge of the SCK input clock. Output data is sourced on the
SIO[3:0] pins with the falling edge of the clock. The SCK input clock can be either an active high pulse or an active low
pulse. When the SCS# chip select input is high, the SIO[3:0] inputs are ignored and the SIO[3:0] outputs are three-
stated.
In SPI mode, the 8-bit instruction is started on the first rising edge of the input clock after SCS# goes active. The instruc-
tion is always input serially on SI/SIO0.
For read and write instructions, two address bytes follow the instruction byte. Depending on the instruction, the address
bytes are input either serially, or 2 or 4 bits per clock. Although all registers are accessed as DWORDs, the address field
is considered a byte address. Fourteen address bits specify the address. Bits 15 and 14 of the address field specifies
that the address is auto-decremented (10b) or auto-incremented (01b) for continuous accesses.
For some read instructions, dummy byte cycles follow the address bytes. The device does not drive the outputs during
the dummy byte cycles. The dummy byte(s) are input either serially, or 2 or 4 bits per clock.
For read and write instructions, one or more 32-bit data fields follow the dummy bytes (if present, else they follow the
address bytes). The data is input either serially, or 2 or 4 bits per clock.
SQI mode is entered from SPI with the Enable Quad I/O (EQIO) instruction. Once in SQI mode, all further command,
addresses, dummy bytes and data bytes are 4 bits per clock. SQI mode can be exited using the Reset Quad I/O
(RSTQIO) instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com