Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 41Page - Microchip Technology LAN9252I/ML Datasheet HTML 42Page - Microchip Technology LAN9252I/ML Datasheet HTML 43Page - Microchip Technology LAN9252I/ML Datasheet HTML 44Page - Microchip Technology LAN9252I/ML Datasheet HTML 45Page - Microchip Technology LAN9252I/ML Datasheet HTML 46Page - Microchip Technology LAN9252I/ML Datasheet HTML 47Page - Microchip Technology LAN9252I/ML Datasheet HTML 48Page - Microchip Technology LAN9252I/ML Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 45
LAN9252
6.3.3.2
PHY Power Down
A PHY may be placed into power-down as described in Section 11.2.8, "PHY Power-Down Modes," on page 131.
6.3.3.3
LED Pins Power Down
All LED outputs may be disabled by setting the LED_DIS bit in the Power Management Control Register (PMT_CTRL)
Open-drain / open-source LEDs are un-driven. Push-pull LEDs are still driven but are set to their inactive state.
6.3.4
CHIP LEVEL POWER MANAGEMENT
The device supports power-down modes to allow applications to minimize power consumption.
Power is reduced by disabling the clocks as outlined in Table 6-2, "Power Management States". All configuration data
is saved when in any power state. Register contents are not affected unless specifically indicated in the register descrip-
tion.
There is one normal operating power state, D0, and three power saving states: D1, D2 and D3. Although appropriate
for various wake-up detection functions, the power states do not directly enable and are not enforced by these functions.
D0
: Normal Mode - This is the normal mode of operation of this device. In this mode, all functionality is available.
This mode is entered automatically on any chip-level reset (POR, RST# pin reset, EtherCAT system reset).
D1
: System Clocks Disabled, XTAL, PLL and network clocks enabled - In this low power mode, all clocks derived
from the PLL clock are disabled. The network clocks remain enabled if supplied by the PHYs or externally. The
crystal oscillator and the PLL remain enabled. Exit from this mode may be done manually or automatically.
This mode could be used for PHY General Power Down mode, PHY WoL mode and PHY Energy Detect Power
Down mode.
D2
: System Clocks Disabled, PLL disable requested, XTAL enabled - In this low power mode, all clocks derived
from the PLL clock are disabled. The PLL is allowed to be disabled (and will disable if both of the PHYs are in
either Energy Detect or General Power Down). The network clocks remain enabled if supplied by the PHYs or
externally. The crystal oscillator remains enabled. Exit from this mode may be done manually or automatically.
This mode is useful for PHY Energy Detect Power Down mode and PHY WoL mode. This mode could be used
for PHY General Power Down mode.
D3
: System Clocks Disabled, PLL disabled, XTAL disabled - In this low power mode, all clocks derived from the
PLL clock are disabled. The PLL will be disabled. External network clocks are gated off. The crystal oscillator is
disabled. Exit from this mode may be only be done manually.
This mode is useful for PHY General Power Down mode.
The Host must place the PHYs into General Power Down mode by setting the Power Down (PHY_PWR_DWN)
bit of the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) before setting this power state.
6.3.4.1
Entering Low Power Modes
To enter any of the low power modes (D1 - D3) from normal mode (D0), follow these steps:
1.
Write the PM_MODE and PM_WAKE fields in the Power Management Control Register (PMT_CTRL) to their
desired values
2.
Set the wake-up detection desired per Section 6.3.1, "Wake-Up Event Detection".
3.
Set the appropriate wake-up notification per Section 6.3.2, "Wake-Up (PME) Notification".
TABLE 6-2:
POWER MANAGEMENT STATES
Clock Source
D0
D1
D2
D3
25 MHz Crystal Oscillator
ON
ON
ON
OFF
PLL
ONONOFF(2)OFF
system clocks (100 MHz, 50 MHz, 25 MHz and others)
ON
OFF
OFF
OFF
network clocks
available(1)
available(1)
available(1)OFF(3)
Note
1:
If supplied by the PHYs or externally
2:
PLL is requested to be turned off and will disable if both of the PHYs are in either Energy Detect or General Power Down
3:
PHY clocks are off, external clocks are gated off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com