Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 103 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 103 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 99Page - Microchip Technology LAN9252I/ML Datasheet HTML 100Page - Microchip Technology LAN9252I/ML Datasheet HTML 101Page - Microchip Technology LAN9252I/ML Datasheet HTML 102Page - Microchip Technology LAN9252I/ML Datasheet HTML 103Page - Microchip Technology LAN9252I/ML Datasheet HTML 104Page - Microchip Technology LAN9252I/ML Datasheet HTML 105Page - Microchip Technology LAN9252I/ML Datasheet HTML 106Page - Microchip Technology LAN9252I/ML Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 103
LAN9252
All instructions, addresses and data are transferred with the most-significant bit (msb) or di-bit (msd) or nibble (msn)
first. Addresses are transferred with the most-significant byte (MSB) first. Data is transferred with the least-significant
byte (LSB) first (little endian).
The SPI interface supports up to a 80 MHz input clock. Normal (non-high speed) reads instructions are limited to 30
MHz.
The SPI interface supports a minimum time of 50 ns between successive commands (a minimum SCS# inactive time of
50 ns).
The instructions supported in SPI mode are listed in Table 10-1. SQI instructions are listed in Table 10-2. Unsupported
instructions are must not be used.
Note 1:
The bit width format is: command bit width, address / dummy bit width, data bit width.
TABLE 10-1:
SPI INSTRUCTIONS
Instruction
Description
Bit width
Note 1
Inst.
code
Addr.
Bytes
Dummy
Bytes
Data
bytes
Max
Freq.
Configuration
EQIO
Enable SQI
1-0-0
38h
0
0
0
80 MHz
RSTQIO
Reset SQI
1-0-0
FFh
0
0
0
80 MHz
Read
READ
Read
1-1-1
03h
2
0
4 to
30 MHz
FASTREAD
Read at higher
speed
1-1-1
0Bh
2
1
4 to
80 MHz
SDOR
SPI Dual Output
Read
1-1-2
3Bh
2
1
4 to
80 MHz
SDIOR
SPI Dual I/O
Read
1-2-2
BBh
2
2
4 to
80 MHz
SQOR
SPI Quad Out-
put Read
1-1-4
6Bh
2
1
4 to
80 MHz
SQIOR
SPI Quad I/O
Read
1-4-4
EBh
2
4
4 to
80 MHz
Write
WRITE
Write
1-1-1
02h
2
0
4 to
80 MHz
SDDW
SPI Dual Data
Write
1-1-2
32h
2
0
4 to
80 MHz
SDADW
SPI Dual
Address / Data
Write
1-2-2
B2h
2
0
4 to
80 MHz
SQDW
SPI Quad Data
Write
1-1-4
62h
2
0
4 to
80 MHz
SQADW
SPI Quad
Address / Data
Write
1-4-4
E2h
2
0
4 to
80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com