Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 179 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 179 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 175Page - Microchip Technology LAN9252I/ML Datasheet HTML 176Page - Microchip Technology LAN9252I/ML Datasheet HTML 177Page - Microchip Technology LAN9252I/ML Datasheet HTML 178Page - Microchip Technology LAN9252I/ML Datasheet HTML 179Page - Microchip Technology LAN9252I/ML Datasheet HTML 180Page - Microchip Technology LAN9252I/ML Datasheet HTML 181Page - Microchip Technology LAN9252I/ML Datasheet HTML 182Page - Microchip Technology LAN9252I/ML Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 179
LAN9252
11.2.16.25 PHY x Wakeup Control and Status Register (PHY_WUCSR_x)
Note 17:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Index (In Decimal): 3.32784
Size:
16 bits
Bits
Description
Type
Default
15:9
RESERVED
RO
-
8
WoL Configured
This bit may be set by software after the WoL registers are configured. This
sticky bit (and all other WoL related register bits) is reset only via a power
cycle or a pin reset, allowing software to skip programming of the WoL regis-
ters in response to a WoL event.
Note:
Refer to Section 11.2.9, "Wake on LAN (WoL)," on page 132 for
additional information.
R/W/
NASR
Note 17
0b
7
Perfect DA Frame Received (PFDA_FR)
The MAC sets this bit upon receiving a valid frame with a destination address
that matches the physical address.
R/WC/
NASR
Note 17
0b
6
Remote Wakeup Frame Received (WUFR)
The MAC sets this bit upon receiving a valid remote Wakeup Frame.
R/WC/
NASR
Note 17
0b
5
Magic Packet Received (MPR)
The MAC sets this bit upon receiving a valid Magic Packet.
R/WC/
NASR
Note 17
0b
4
Broadcast Frame Received (BCAST_FR)
The MAC Sets this bit upon receiving a valid broadcast frame.
R/WC/
NASR
Note 17
0b
3
Perfect DA Wakeup Enable (PFDA_EN)
When set, remote wakeup mode is enabled and the MAC is capable of wak-
ing up on receipt of a frame with a destination address that matches the
physical address of the device. The physical address is stored in the PHY x
MAC Receive Address A Register (PHY_RX_ADDRA_x), PHY x MAC
Receive Address B Register (PHY_RX_ADDRB_x) and PHY x MAC Receive
Address C Register (PHY_RX_ADDRC_x).
R/W/
NASR
Note 17
0b
2
Wakeup Frame Enable (WUEN)
When set, remote wakeup mode is enabled and the MAC is capable of
detecting Wakeup Frames as programmed in the Wakeup Filter.
R/W/
NASR
Note 17
0b
1
Magic Packet Enable (MPEN)
When set, Magic Packet wakeup mode is enabled.
R/W/
NASR
Note 17
0b
0
Broadcast Wakeup Enable (BCST_EN)
When set, remote wakeup mode is enabled and the MAC is capable of wak-
ing up from a broadcast frame.
R/W/
NASR
Note 17
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com