Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 202 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 202 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 198Page - Microchip Technology LAN9252I/ML Datasheet HTML 199Page - Microchip Technology LAN9252I/ML Datasheet HTML 200Page - Microchip Technology LAN9252I/ML Datasheet HTML 201Page - Microchip Technology LAN9252I/ML Datasheet HTML 202Page - Microchip Technology LAN9252I/ML Datasheet HTML 203Page - Microchip Technology LAN9252I/ML Datasheet HTML 204Page - Microchip Technology LAN9252I/ML Datasheet HTML 205Page - Microchip Technology LAN9252I/ML Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 329 page
background image
LAN9252
DS00001909A-page 202
 2015 Microchip Technology Inc.
12.9
Port Interfaces
12.9.1
PORTS 0 AND 2 (INTERNAL PHY A OR EXTERNAL MII)
Port 0 of the EtherCAT Slave is connected to internal PHY A when chip_mode_strap[1:0] is not equal to 11b (2 port
mode or 3 port downstream mode). Port 0 is connected to the MII pins when chip_mode_strap[1:0] is equal to 11b (3
port upstream mode).
Port 2 of the EtherCAT Slave is connected to internal PHY A when chip_mode_strap[1:0] is equal to 11b (3 port
upstream mode). Port 2 is connected to the MII pins when chip_mode_strap[1:0] is equal to 10b (3 port downstream
mode).
PDI Configuration Register
(0150h)
Digital I/O Mode
[7:6] Output Data Sample Selection
1 / [7:6]
[5:4] Input Data Sample Selection
1 / [5:4]
[3] Watchdog Behavior
1 / [3]
[2] Unidirectional/Bidirectional Mode
1 / [2]
[1] OUTVALID Mode
1 / [1]
[0] OUTVALID Polarity
1 / [0]
PDI Configuration Register
(0150h)
HBI Mode
[7] HBI ALE Qualification
1 / [7]
[6] HBI Read/Write Mode
1 / [6]
[5] HBI Chip Select Polarity
1 / [5]
[4] HBI Read, Read/Write Polarity
1 / [4]
[3] HBI Write, Enable Polarity
1 / [3]
[2] HBI ALE Polarity
1 / [2]
[1:0] RESERVED (unused)
1 / [1:0]
Sync/Latch PDI Configuration Register
(0151h)
[7] SYNC1 Map
1 / [15]
[6] SYNC1/LATCH1 Configuration
1 / [14]
[5:4] SYNC1 Output Driver/Polarity
1 / [13:12]
[3] SYNC0 Map
1 / [11]
[2] SYNC0/LATCH0 Configuration
1 / [10]
[1:0] SYNC0 Output Driver/Polarity
1 / [9:8]
Pulse Length of SyncSignals Register
(0982h-0983h)
[15:0] Pulse length of SyncSignals
2 / [15:0]
Extended PDI Configuration Register
(0152h-0153h)
Digital I/O Mode
[15:8] RESERVED
3 / [15:8]
[7:0] I/O 15-0 Direction
3 / [7:0]
Extended PDI Configuration Register
(0152h-0153h)
SPI Mode
[15:8] I/O 15-0 Buffer Type
3 / [15:8]
[7:0] I/O 15-0 Direction
3 / [7:0]
Configured Station Alias Register
(0012h-0013h)
[15:0] Configured Station Alias Address
4 / [15:0]
MII Management Control/Status Register
(0510h-0511h)
[2] MI Link Detection
5 / [15]
ASIC Configuration Register (0142h-0143h)
[15] MI Link Detection
[14:8] RESERVED
5 / [14:8]
[7] MI Write Gigabit Register 9 Enable
5 / [7]
[6:0] RESERVED
5 / [6:0]
RESERVED Register (0144h-0145h)
[15:0] RESERVED
6 / [15:0]
TABLE 12-3:
ETHERCAT CORE EEPROM CONFIGURABLE REGISTERS
Register
Bits
EEPROM
Word / [Bits]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com