Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 220 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 220 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 216Page - Microchip Technology LAN9252I/ML Datasheet HTML 217Page - Microchip Technology LAN9252I/ML Datasheet HTML 218Page - Microchip Technology LAN9252I/ML Datasheet HTML 219Page - Microchip Technology LAN9252I/ML Datasheet HTML 220Page - Microchip Technology LAN9252I/ML Datasheet HTML 221Page - Microchip Technology LAN9252I/ML Datasheet HTML 222Page - Microchip Technology LAN9252I/ML Datasheet HTML 223Page - Microchip Technology LAN9252I/ML Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 329 page
background image
LAN9252
DS00001909A-page 220
 2015 Microchip Technology Inc.
12.13.6
ETHERCAT PROCESS RAM READ COMMAND REGISTER (ECAT_PRAM_RD_CMD)
This read/write register is used in conjunction with the EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_-
DATA) and the EtherCAT Process RAM Read Address and Length Register (ECAT_PRAM_RD_ADDR_LEN) to per-
form read operations from the EtherCAT Core Process RAM.
Offset:
30Ch
Size:
32 bits
Bits
Description
Type
Default
31
PRAM Read Busy (PRAM_READ_BUSY)
When a 1 is written to this bit, the read operation is started beginning at the
EtherCAT Core Process RAM location specified in PRAM Read Address
(PRAM_READ_ADDR) for the length specified in PRAM Read Length
(PRAM_READ_LEN). This bit will remain set until the entire read operation is
complete, at which time the bit will self-clear.
Writing a 0 to this bit has no affect.
R/W
SC
0b
30
PRAM Read Abort (PRAM_READ_ABORT)
Writing a 1 to this bit will cause the read operation in process to be canceled.
The PRAM Read Busy (PRAM_READ_BUSY) will be cleared and the Read
Data FIFO, along with the status bits, will be reset. This bit will self-clear.
Writing a 0 to this bit has no affect.
R/W
SC
0b
29:13
RESERVED
RO
-
12:8
PRAM Read Data Available Count (PRAM_READ_AVAIL_CNT)
This field indicates the number of times that the EtherCAT Process RAM
Read Data FIFO (ECAT_PRAM_RD_DATA) can be read without further need
to check the status.
This field increments as data is read from the EtherCAT Core and placed into
the FIFO. This field is decremented when the a entire DWORD of data is
read from the EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_-
DATA).
RO
00000b
7:1
RESERVED
RO
-
0
PRAM Read Data Available (PRAM_READ_AVAIL)
This field indicates that the EtherCAT Process RAM Read Data FIFO
(ECAT_PRAM_RD_DATA) has valid data to be read.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com