Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 272 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 272 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 268Page - Microchip Technology LAN9252I/ML Datasheet HTML 269Page - Microchip Technology LAN9252I/ML Datasheet HTML 270Page - Microchip Technology LAN9252I/ML Datasheet HTML 271Page - Microchip Technology LAN9252I/ML Datasheet HTML 272Page - Microchip Technology LAN9252I/ML Datasheet HTML 273Page - Microchip Technology LAN9252I/ML Datasheet HTML 274Page - Microchip Technology LAN9252I/ML Datasheet HTML 275Page - Microchip Technology LAN9252I/ML Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 329 page
background image
LAN9252
DS00001909A-page 272
 2015 Microchip Technology Inc.
12.14.60 SYNCMANAGER[3:0] REGISTERS
The device includes 4 SyncManagers. Each SyncManager is described in 8 Bytes, starting at 0800h. Table 12-17 details
the base address for each SyncManager. The subsequent SyncManager registers will be referenced as an offset from
these various base addresses. The variable “x” is used in the following descriptions to represent SyncManagers 0
through 3.
12.14.60.1 SyncManager x Physical Start Address Register
Note 35:
This register can only be written if the corresponding SyncManager is disabled via the SyncManager
Enable/Disable bit of the SyncManager x Activate Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.60.2 SyncManager x Length Register
Note 36:
This register can only be written if SyncManager x is disabled via the SyncManager Enable/Disable bit of
the SyncManager x Activate Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
TABLE 12-17: SYNCMANAGER X BASE ADDRESSES
SyncManager
Base Address
0
0800h
1
0808h
2
0810h
3
0818h
Offset:
SyncManager x Base Address +0h-1h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Physical Start Address
Specifies the first byte that will be handled by SyncManager x.
R/W
Note 35
RO
0000h
Offset:
SyncManager x Base Address +2h-3h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Length
Number of bytes assigned to SyncManager x. (This field shall be
greater than 1, otherwise the SyncManager is not activated. If
set to 1, only Watchdog Trigger is generated, if configured.)
R/W
Note 36
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com