Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 289 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 289 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 285Page - Microchip Technology LAN9252I/ML Datasheet HTML 286Page - Microchip Technology LAN9252I/ML Datasheet HTML 287Page - Microchip Technology LAN9252I/ML Datasheet HTML 288Page - Microchip Technology LAN9252I/ML Datasheet HTML 289Page - Microchip Technology LAN9252I/ML Datasheet HTML 290Page - Microchip Technology LAN9252I/ML Datasheet HTML 291Page - Microchip Technology LAN9252I/ML Datasheet HTML 292Page - Microchip Technology LAN9252I/ML Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 289
LAN9252
12.14.87 LATCH0 TIME POSITIVE EDGE REGISTER
Note:
Register bits [63:8] are internally latched (ECAT/PDI independently) when bits [7:0] are read, which guaran-
tees reading a consistent value. Clearing the Event LATCH0 Positive Edge bit of the LATCH0 Status Reg-
ister depends upon setting of the Latch In Unit 0 bit of the Cyclic Unit Control Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.88 LATCH0 TIME NEGATIVE EDGE REGISTER
Note:
Register bits [63:8] are internally latched (ECAT/PDI independently) when bits [7:0] are read, which guaran-
tees reading a consistent value. Clearing the Event LATCH0 Negative Edge bit of the LATCH0 Status Reg-
ister depends upon setting of the Latch In Unit 0 bit of the Cyclic Unit Control Register.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
Offset:
09B0h-09B7h
Size:
64 bits
Bits
Description
ECAT
Type
PDI
Type
Default
63:0
This register captures the System Time at the positive edge of
the LATCH0 signal.
Note:
Reading this register clears the Event LATCH0 Posi-
tive Edge bit of the LATCH0 Status Register
RO
RO
00000000h
00000000h
Offset:
09B8h-09BFh
Size:
64 bits
Bits
Description
ECAT
Type
PDI
Type
Default
63:0
This register captures the System Time at the negative edge of
the LACTH0 signal.
Note:
Reading this register clears the Event LATCH0 Neg-
ative Edge bit of the LATCH0 Status Register
RO
RO
00000000h
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com