Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 308 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 308 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 304Page - Microchip Technology LAN9252I/ML Datasheet HTML 305Page - Microchip Technology LAN9252I/ML Datasheet HTML 306Page - Microchip Technology LAN9252I/ML Datasheet HTML 307Page - Microchip Technology LAN9252I/ML Datasheet HTML 308Page - Microchip Technology LAN9252I/ML Datasheet HTML 309Page - Microchip Technology LAN9252I/ML Datasheet HTML 310Page - Microchip Technology LAN9252I/ML Datasheet HTML 311Page - Microchip Technology LAN9252I/ML Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 329 page
background image
LAN9252
DS00001909A-page 308
 2015 Microchip Technology Inc.
18.3
Package Thermal Specifications
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESD51.
TABLE 18-1:
64-PIN QFN PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Units
Comments
Thermal Resistance Junction to Ambient
JA
23.6
°C/W
Measured in still air
Thermal Resistance Junction to Bottom of Case
JT
0.1
°C/W
Measured in still air
Thermal Resistance Junction to Top of Case
JC
1.8
°C/W
Airflow 1 m/s
TABLE 18-2:
64-PIN TQFP-EP PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
Units
Comments
Thermal Resistance Junction to Ambient
JA
29.0
°C/W
Measured in still air
Thermal Resistance Junction to Bottom of Case
JT
0.3
°C/W
Measured in still air
Thermal Resistance Junction to Top of Case
JC
12.8
°C/W
Airflow 1 m/s
TABLE 18-3:
MAXIMUM POWER DISSIPATION
Mode
Maximum Power (mW)
Internal Regulator Disabled, 2.5 V Ethernet Magnetics
568
Internal Regulator Disabled, 3.3 V Ethernet Magnetics
640
Internal Regulator Enabled, 2.5 V Ethernet Magnetics
749
Internal Regulator Enabled, 3.3 V Ethernet Magnetics
821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com