Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 321 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 321 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 317Page - Microchip Technology LAN9252I/ML Datasheet HTML 318Page - Microchip Technology LAN9252I/ML Datasheet HTML 319Page - Microchip Technology LAN9252I/ML Datasheet HTML 320Page - Microchip Technology LAN9252I/ML Datasheet HTML 321Page - Microchip Technology LAN9252I/ML Datasheet HTML 322Page - Microchip Technology LAN9252I/ML Datasheet HTML 323Page - Microchip Technology LAN9252I/ML Datasheet HTML 324Page - Microchip Technology LAN9252I/ML Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 321
LAN9252
Note 31:
The total deviation for EtherCAT is ±25 ppm.
Note 32:
The minimum drive level requirement PW is reduced to 100 uW with the addition of a 500 Ω series resistor,
if CO 5pF, CL 12 pF and R180 Ω
Note 33:
0 °C for commercial version, -40 °C for industrial and extended industrial versions
Note 34:
+70 °C for commercial version, +85 °C for industrial version, +105 °C for extended industrial version
Note 35:
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The OSCI pin, OSCO pin and PCB capacitance values are required to accurately calculate the value
of the two external load capacitors. The total load capacitance must be equivalent to what the crystal
expects to see in the circuit so that the crystal oscillator will operate at 25.000 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com