Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252I/ML Datasheet(PDF) 139 Page - Microchip Technology

Part # LAN9252I/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252I/ML Datasheet(HTML) 139 Page - Microchip Technology

Back Button LAN9252I/ML Datasheet HTML 135Page - Microchip Technology LAN9252I/ML Datasheet HTML 136Page - Microchip Technology LAN9252I/ML Datasheet HTML 137Page - Microchip Technology LAN9252I/ML Datasheet HTML 138Page - Microchip Technology LAN9252I/ML Datasheet HTML 139Page - Microchip Technology LAN9252I/ML Datasheet HTML 140Page - Microchip Technology LAN9252I/ML Datasheet HTML 141Page - Microchip Technology LAN9252I/ML Datasheet HTML 142Page - Microchip Technology LAN9252I/ML Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 139
LAN9252
11.2.12.2
Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables of up to 120 meters. If there is an
active 100 Mb link, the approximate distance to the link partner can be estimated using the PHY x Cable Length Register
(PHY_CABLE_LEN_x). If the cable is properly terminated, but there is no active 100 Mb link (the link partner is disabled,
nonfunctional, the link is at 10 Mb, etc.), the cable length cannot be estimated and the PHY x Cable Length Register
(PHY_CABLE_LEN_x) should be ignored. The estimated distance to the link partner can be determined via the Cable
Length (CBLN) field of the PHY x Cable Length Register (PHY_CABLE_LEN_x) using the lookup table provided in
Table 11-8. The typical cable length measurement margin of error for a matched cable case is +/- 20 m. The matched
cable length margin of error is consistent for all cable types from 0 to 120 m.
TABLE 11-7:
TYPICAL MEASUREMENT ERROR FOR SHORTED CABLE (+/- METERS)
PHYSICAL DISTANCE
TO FAULT
SELECTED PROPAGATION CONSTANT
PSHORT =
Unknown
PSHORT =
CAT 6
PSHORT =
CAT 5E
PSHORT =
CAT 5
CAT 6 Cable, 0-100 m
85
CAT 5E Cable, 0-100 m
5
5
CAT 5 Cable, 0-100 m
11
2
CAT 6 Cable, 101-160 m
14
6
CAT 5E Cable, 101-160 m
7
6
CAT 5 Cable, 101-160 m
11
3
TABLE 11-8:
MATCH CASE ESTIMATED CABLE LENGTH (CBLN) LOOKUP
CBLN Field Value
Estimated Cable Length
0 - 3
0
46
517
627
738
849
959
10
70
11
81
12
91
13
102
14
113
15
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com