Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 2Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 3Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 9Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
3.3 V LDO linear regulator output
REGIN_3V3 shorted to
VDD and externally
supplied
3.1
3.3
3.6
V
IDD
3.3 V LDO linear regulator output current
(1) (2)
30
mA
CVDD
3.3 V output capacitor
(3)
4.7
µF
CLG
Output capacitor for internal logic supply
regulator
(LGC_CAP pin)
(3)
4.7
µF
dVOUTx/dt OUTx slew rate
2.5
V/ns
VIN,logic
Logic input voltage (INHx/INx, INLx/ENx,
nSTBY, EN pins)
(4)
0
5
V
VIN,analog
Analog configuration pins (IGATE, TCC)
0
VDD
V
VOD
nFAULT, FLAG pins pull-up voltage
(4)
0
5
V
IOD
nFAULT, FLAG pins sink current
8
mA
VDSTH
VDS monitoring reference voltage
Protection enabled
0.05
2
V
Protection disabled
3
3.3
V
VSLSx
LSx driver sense pin
-1
+1
V
VOA_INxP
Operational amplifiers positive inputs
-0.2
VDD+0.2
V
VOA_INxN
Operational amplifiers negative inputs
-0.2
VDD+0.2
V
VOP,icm
Input common-mode voltage range
-0.2
VDD+0.2
V
ReqL,out
Equivalent load resistor connected to the
operational amplifiers output
Resistor to AGND or to
VDD
1
VC_IN
Comparator input (C_INx pins)
0
VDD
V
VCREF
CREF input
0
VDD
V
Tamb
Operative ambient temperature
(1)
-40
85
°C
1. Actual operative range can be limited by thermal shutdown.
2. Consumption of internal circuitry included.
3. An additional 100 nF low-ESR bypass capacitor could be added to improve the noise immunity.
4. All digital inputs are compliant with TTL/CMOS thresholds and 5 V tolerant. They can be biased within the respective AMR
whatever the supply condition of the device (supplied, floating, or shorted to ground) without causing damage to the device.
STDRIVE102BH, STDRIVE102H
Device ratings
DS14545 - Rev 1
page 6/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com