Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 14Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 15Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 16Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 17Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 18Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 19Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 20Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 21Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
In case of UVLO condition (VDD falls below the VDD(off) threshold), the drivers turn off all the external MOSFETs,
forcing the power stage into a safe condition. Concurrently, the nFAULT open-drain pin is forced low. As soon as
the VDD voltage rises above the VDD(On) threshold, the nFAULT is released and the drivers return to an active
condition, depending on the status of the digital inputs.
5.1.3
Charge pump
The embedded charge pump supplies the high-side gate drivers and ensures an unlimited on-time of the high-
side MOSFETs and a PWM duty cycle of 100%.
Figure 9. Charge pump simplified block diagram
CFLY
CBOOT
UVLO
Control
Feedback
VS
VM
VBOOT
NCAP
PCAP
High-side
supply
High-side
control logic
VM
VS
CM
CSUPPLY
VCC
The charge pump is supplied directly by the VS pin and generates the voltage VBOOT referenced to the motor
supply VM. The VBOOT is the supply of the three high-side gate drivers and it must be greater than VM to properly
turn on the high-side MOSFETs. The internal feedback circuit of the charge pump tracks the value of the voltage
on the VCC pin and regulates the VBOOT to be equal to 'VM + VCC'. In this way, both the low-side and the high-
side MOSFETs are driven with the same VGS, thus ensuring a more balanced behavior of the power stage.
The circuit on the NCAP pin charges the capacitor CFLY; the charge is then transferred to the CBOOT capacitor
through the PCAP pin. The amount of charge stored in the CFLY capacitor is controlled by the internal feedback, in
order to meet the target voltage on VBOOT pin.
The drop between the target value of VBOOT and its actual value depends on the voltage on the VS pin and the
average load current required by the high-side drivers. The drop increases for lower VS and higher current load.
Figure 10 shows the charge pump output voltage with respect to the load current at Tamb = 25 °C, using the
recommended values for CFLY = 220 nF and CBOOT = 1 µF.
The pulsed current required by the high-side drivers is provided by the CBOOT capacitor. This capacitor should be
sized according to the maximum allowed ripple and total gate charge of the external MOSFETs. A ceramic low
ESR capacitor of the same value of CBOOT must be placed close to the VM pin and the exposed pad (GND) of the
STDRIVE102BH/H.
The high-side drivers are connected to VBOOT by an internal connection: for no reason can other external loads
be connected to the VBOOT pin. The VBOOT pin is referred to the VM pin: any external event forcing a 'VBOOT -
VM' voltage below the limit reported in Table 1. Absolute maximum ratings, results in the device breakdown.
In case of undervoltage ('VBOOT - VM ' < VCPump(Off)), the UVLO protection turns off the high-side MOSFETs, while
the low-side drivers keep on operating. The high-side drivers return operative when 'VBOOT - VM' > VCPump(On).
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 18/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com