Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 4 Page - STMicroelectronics

  STDRIVE102HTR Datasheet HTML 1Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 2Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 3Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
2
Device ratings
2.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 1 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Two separated reference grounds are present in the device: GND and AGND. All voltages reported in Table 1 are
considered shorting AGND and GND pins, unless otherwise specified.
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
Power supply
VM
Motor supply voltage
-0.3 to 55
V
VS
12 V LDO linear regulator input and
main supply
-0.3 to 55
V
VCC
12 V LDO linear regulator output and
gate drivers supply voltage
-0.3 to 18
V
VREGIN_3V3
3.3 V LDO linear regulator input
-0.3 to 18
V
VDD
3.3 V LDO linear regulator output and
analog front-end supply
-0.3 to 4
V
VNCAP
Charge pump switching capacitor
negative side
-0.3 to VS+0.3
V
VPCAP
Charge pump switching capacitor
positive side
VM-0.3 to VBOOT+0.3
V
65
V
VBOOT
Charge pump output/ high-side boot
supply
VM-0.3 to VM+18
V
65
V
Gate drivers
VSLSx
Low-side reference pin voltage
DC
-2 to +2
V
Transient pulse duration 200 ns
Repetition frequency 20 kHz
(1)
-8 to +8
V
VGLSx
Low-side driver’s output voltage
VSLSx-0.3 to VCC+0.3
V
VGS_LSx
Differential voltage between low-side
driver’s output and its reference (VGLSx
- VSLSx)
-0.3 to 18
V
Vsupply_LS
Supply rail of the low-side driver (VCC -
VSLSx)
-0.3 to 18
V
VOUTx
OUTx pin voltage
DC
-4 to VM+4
V
Transient pulse duration
between 200 ns and 5 µs
Repetition frequency 20 kHz
-8 to VM+8
V
Transient pulse duration 200 ns
Repetition frequency 20 kHz
-10 to VM+10
V
VGHSx
High-side driver’s output
VOUTx -0.3 to VBOOT+0.3
V
VGO_HSx
Differential voltage between high-side
gate driver’s output and its reference
(VGHSx - VOUTx)
(2)
-0.3 to 16
V
STDRIVE102BH, STDRIVE102H
Device ratings
DS14545 - Rev 1
page 4/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com