Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVE102HTR Datasheet HTML 1Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 2Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 3Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 4Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 5Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 6Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 7Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Features
Operating voltage from 6 to 50 V
Gate drivers with programmable current capability up to:
1 A source current
2 A sink current
High robustness against below-ground and overshoot
Charge pump for 100 % duty cycle operation with dedicated undervoltage
lockout protection
Flexible power management:
12 V LDO linear regulator with dedicated undervoltage lockout
protection
3.3 V LDO linear regulator with dedicated undervoltage lockout
protection
Standby mode for low consumption less than 50 nA
Thermal shutdown protection
VDS monitoring for safe driving operation of the power MOSFETs
Flexible analog front-end:
Up to three wide-bandwidth operational amplifiers
Up to three high-speed comparators
Dual control modes:
ENx/INx
INHx/INLX with interlocking
Matched propagation delay for all channels
Logic inputs up to 5 V, TTL compatible
Applications
Battery supplied power tools
Portable vacuum cleaners
E-bikes
Industrial automation
Robotics
Pumps and fans
Description
The STDRIVE102BH and the STDRIVE102H are triple half-bridge gate drivers
suitable for 3-phase brushless motor driving.
The STDRIVE102BH/H is the optimal solution for battery supplied motor driver
applications such as power tools, vacuum cleaner and small appliances thanks to its
very efficient stand-by mode, that strongly reduce the current consumption when the
device is not active.
VFQFPN 48L, 6x6x1 mm
VFQFPN 40L, 5x5x1 mm
Product status link
STDRIVE102BH
STDRIVE102H
Product label
Triple half-bridge gate driver with programmable currents
STDRIVE102BH, STDRIVE102H
Datasheet
DS14545 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVE102HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
5Mb / 6P
STDRIVE102BH evaluation board for three-phase brushless motors
24-Mar-2025
More results

Similar Description - STDRIVE102HTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com