Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 22Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 23Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 24Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 25Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 26Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 27Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 28Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 29Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
The direct mode implies that the turn-on of one driver occurs always before that the tcc,off of the complementary
one is completed: the deadtime tDT on the control signals must be chosen to be smaller than the tcc,off hence tDT
< 1120 ns. On the other hand, the user must select a proper deadtime, according to the total gate charge and the
driving current configured in the driver. The deadtime tDT must be chosen ensuring that the VGS of the MOSFET
that is turning off is equal to 0 V, before turning on the complementary MOSFET in the half-bridge. The criteria
used should follow what has already been explained in Section 5.2.1.1, thus considering the total gate charge
QG,tot and the IGATE,off selected.
Equation 4
tDT> QG,tot
IGATE,off
(4)
Figure 15. Current management using direct mode INH/INL
-Ihold,off
-Iclamp
tcc,off
tcc,on
INHx
INLx
VGS,LSx
VGS,HSx
+Ihold,on
+IGATE,on
-IGATE,off
hold
off
gate
on
hold
on
gate
off
clamp
hold
off
-Ihold,off
-Iclamp
+Ihold,on
+IGATE,on
-IGATE,off
tcc,off
tcc,on
gate
on
hold
on
hold
off
clamp
gate
off
HS
Current
capability
LS
Current
capability
hold
on
tdt
tdt
5.2.1.3
TCC and IGATE configuration example
Figure 16 shows an example of how to configure TCC and IGATE considering that each driver drives a target
MOSFET with a total gate charge QG,tot = 120 nC at 12 V of VGS. Using Igate,on = 350 mA and Igate,off = 700 mA
allows to complete the charge of the gate in less than 350 ns and a discharge in less than half of the time.
Therefore, selecting a tcc,off = 420 ns and tcc,on = 840 ns provides enough margin for a safe operation of the
power stage.
Using EN/IN mode allows the device to manage the deadtime that is 420 ns, equal to the tcc,off. According to
Table 9, Table 10, and Table 11 it is possible to select the resistors to be connected to the TCC and IGATE pins,
as shown in Figure 16.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 26/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com