Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 8Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 9Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 10Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 11Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 12Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 13Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 14Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 15Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Pin N.
Name
Type
Function
16
CREF
Analog In
Common reference voltage for the three comparators (inverting input).
17
VDD
Power
3.3 V LDO linear regulator output and supply voltage of the Analog Front-End (AFE).
18
REGIN_3V3
Power
3.3 V LDO linear regulator input.
19
VM
Power
Motor supply voltage: reference for the internal charge pump and VDS monitoring
protection.
20
VBOOT
Power
Charge pump output voltage: high-side drivers supply.
21
PCAP
Power
Charge pump fly capacitor positive pin.
22
NCAP
Power
Charge pump fly capacitor negative pin.
23
VS
Power
Device power supply and 12 V LDO linear regulator input.
24
VCC
Power
12 V LDO linear regulator output and supply voltage of the low-side drivers.
25
SLS3
Analog
Phase 3 low-side reference voltage (source of the external low-side MOSFET in the half-
bridge 3).
26
GLS3
Analog
Phase 3 low-side driver output.
27
SLS2
Analog
Phase 2 low-side reference voltage (source of the external low-side MOSFET in the half-
bridge 2).
28
GLS2
Analog
Phase 2 low-side driver output.
29
SLS1
Analog
Phase 1 low-side reference voltage (source of the external low-side MOSFET in the half-
bridge 1).
30
GLS1
Analog
Phase 1 low-side driver output.
31
OUT3
Analog
Phase 3 high-side reference voltage (external half-bridge 3 output).
32
GHS3
Analog
Phase 3 high-side driver output.
33
OUT2
Analog
Phase 2 high-side reference voltage (external half-bridge 2 output).
34
GHS2
Analog
Phase 2 high-side driver output.
35
OUT1
Analog
Phase 1 high-side reference voltage (external half-bridge 1 output).
36
GHS1
Analog
Phase 1 high-side driver output.
37
FLAG
Digital Out Open-drain pin for VCC warning event.
38
VDSTH
Analog In
VDS monitoring threshold. Internal pull-down.
39
INH3/IN3
Digital In
Digital control signal for the high-side of the phase 3 or control of the OUT3 voltage level.
Internal pull-down.
40
INH2/IN2
Digital In
Digital control signal for the high-side of the phase 2 or control of the OUT2 voltage level.
Internal pull-down.
41
INH1/IN1
Digital In
Digital control signal for the high-side of the phase 1 or control of the OUT1 voltage level.
Internal pull-down.
42
INL3/EN3
Digital In
Digital control signal for the low-side of the phase 3 or enable of the half-bridge on OUT3.
Internal pull-down.
43
INL2/EN2
Digital In
Digital control signal for the low-side of the phase 2 or enable of the half-bridge on OUT2.
Internal pull-down.
44
INL1/EN1
Digital In
Digital control signal for the low-side of the phase 1 or enable of the half-bridge on OUT1.
Internal pull-down.
45
nSTBY
Digital In
Digital control for the standby mode (active low). Internal pull-down.
46
LGC_CAP
Power
Pin for external bypass capacitor – internal logic supply stabilization (not intended for
external supply purposes).
47
EN
Digital In
Drivers enable with “FAULT release” feature. Internal pull-down.
48
nFAULT
Digital Out Open-drain pin to signal failure/protection events.
EPAD
GND
Power
Ground.
STDRIVE102BH, STDRIVE102H
Pin description
DS14545 - Rev 1
page 12/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com