Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102HTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 15Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 16Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 17Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 18Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 19Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 20Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 21Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 22Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Figure 10. Charge pump output voltage with respect to the load current
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
Load Current [mA]
VS = VM = VCC = 7 V
VS = VM = VCC = 12 V
VS = VM > 15 V
5.2
Gate drivers
The gate drivers use a constant-current approach enabling the following advantages:
No external components are required between the MOSFETs’ gates and the drivers.
The slew rate of the half-bridge outputs is better controlled.
The high-side drivers (Figure 11) and the low-side drivers (Figure 12) have a similar structure:
A reference pin for the low level (OUTx for the high-side and SLSx for the low-side).
The output pin (GHSx for the high-side or GLSx for the low-side), which directly drives the external
MOSFET’s gate.
The supply pin (VBOOT in common to the three high side drivers and VCC in common to the three low side
drivers).
When the driver is not operative (for example, in standby mode or for very low supply), an equivalent 100 kΩ
resistor keeps the external MOSFETs off. In normal conditions, the gate driver must force a voltage on the gate of
its respective MOSFET, in order to keep it in a well-defined state. This datasheet adopts the following definitions:
Setting HIGH the gate driver means that the driver sources a controlled current to increase the VGS of the
MOSFET and turn it on. The gate current comes from the supply VCC in case of the low-side driver or from
VBOOT in case of the high-side driver.
Setting LOW the gate driver means that the driver sinks a controlled current from the gate of the MOSFET
to turn it off. The sink circuitry of the driver is referred to the OUTx pin for the high-side, and to the SLSx pin
for the low-side. This approach ensures that the MOSFET is kept off, even in the presence of below-GND
transients.
In normal mode operation, when a high-side driver is set HIGH, the voltage on the GHSx pin increases up to its
target level VBOOT . At the same time the OUTx voltage increases up to VM, so that the VGS of the external
MOSFET is kept under control (less or equal to VCC). In case the OUTx pin cannot follow the GHSx pin, the gate
driver protects the gate of the external MOSFET from breakdown clamping the VGS at VGS, clamp.
The six gate drivers (three low-side and three high-side) are controlled by six digital inputs, INH1/IN1, INH2/IN2,
INH3/IN3, INL1/EN1, INL2/EN2, INL3/EN3. Each digital input has an internal pull-down resistor RPD,in. Each half-
bridge (driven by a low-side driver and a high-side driver) is controlled by a couple of inputs: for example,
INH1/IN1 and INL1/EN1 refer to half-bridge 1. The label INHx/INx or INLx/ENx can be used to indicate one of the
three half-bridges, with no specific reference to a particular channel. Note that the terms “channel” or “phase”
could be used similarly to refer to the half-bridge output.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 19/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com