Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 2Page - Omron Electronics LLC K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
K3HB-R
6
■ What Is Prescaling?
To make calculations using the input pulse to display rotation (rpm)
or circumferential speed, the number of pulses per rotation or the
length of the circumference must be multiplied by a certain
coefficient. This coefficient is called the prescale value.
Rotation speed (rpm) = f
× 60 × a
f: Input pulse frequency (No. of pulses per second)
a: Prescale value
If there are 5 pulses per rotation, then
a = 1/5 (= 0.2 = 2
× 10-1)
and an accurate rotation speed (rpm) can be calculated.
The actual setting is X = 2.0000 (mantissa) and Y = 10-1 (exponent).
■ What Is the Auto-zero Function?
(Set this function before using the Digital Indicator.)
If a function
f1 to f6 is set, the frequency can be force-set to zero if
there is no input pulse for a set period. This period is called the auto-
zero time. Set the auto-zero time to slightly longer than the longest
input pulse interval. (The display will not easily return to zero if the
auto-zero time is too long or left at the default setting.)
Time Unit Settings
Note: Time unit can be set only when passing time (F6) is selected.
Input Type Setting
Note: Set to
10 or 11 when there is a large variation in the display.
The largest measurement range is 30 Hz.
Proximity
sensor
K3HB-R
Setting
Meaning
off
Invalid
scal
Prescale value menu setting
min
Minute display
h.mm.ss
h.mm.ss display
mm.ss.d
mm.ss.d display (d = tenths of a second)
NO: Voltage pulse high NC: Voltage pulse low
No-contact or
voltage pulse
input
00
01
Contact
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com