Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
K3HB-R
12
■ BCD Output Timing Chart
A REQUEST signal from a Programmable Controller or other external device is required to read BCD data.
Single Sampling Data Output
The data is set in approximately 30 ms from the rising edge of the
REQUEST signal and the DATA VALID signal is output.
When reading the data from a Programmable Controller, start
reading the data when the DATA VALID signal turns ON.
The DATA VALID signal will turn OFF 40 ms later, and the data will
turn OFF 16 ms after that.
Continuous Data Output
Measurement data is output every 64 ms while the REQUEST signal
remains ON.
Note: If HOLD is executed when switching between data 1 and data
2, either data 1 or data 2 is output depending on the timing of
the hold signal. The data will not go LOW.
Approx.
30 ms
All data "High"
All data "High"
40 ms
16 ms
Data
REQ.
MAX.MIN.
DATA
DATA
VALID
20-ms pulse min. (50 ms max.)
Approx.
30 ms
Data 1
Data 2
REQ.
MAX.MIN.
DATA
DATA
VALID
64 ms
64 ms
40 ms
40 ms
24 ms
24 ms
All data "High"
K3HB
(1)
Programmable
Controller
K3HB
(2)
K3HB
(3)
DATA (including POL and
OVER) and DATA VALID can
be used in a wired OR.
RUN, HH, H, PASS, L, and
LL are always output, with or
without a REQUEST signal.
Do not used a wired OR
connect for these signals.
DATA
REQ. (1)
(1)
(2)
(3)
REQ. (2)
REQ. (3)
DATA
VALID
Note: Leave 20 ms min. between DATA VALID turning OFF and the REQUEST signal.
(See note.)
(See note.)
(See note.)
• The K3HB BCD output model has an open collector output, so wired OR connection is possible
Programmable Controller Connection Example
Digital Indicator
SYSMAC Programmable Controller
DC Input Unit
1.COMMON
Connector pin No. (See note.)
COM
IN
IN
IN
IN
IN
IN
OUT
OUT
COM
24 VDC
(0 V)
2.1
3.2
4.4
5.8
23.DATA VALID
24.RUN
25.COMMON
26.REQUEST
30.RESET
31.POLARITY
(
+/− polarity)
10
°
240
Ω
240
Ω
240
Ω
240
Ω
+5 V
+24 V
0 V
DC power
supply
Transistor Output Unit
Display Unit Connection Example
To 102
<M7E Digital Display Unit>
SEC
Digital Indicator
1.COMMON
Connector pin No. (See note.)
2.1
3.2
4.4
5.8
23.DATA VALID
24.RUN
25.COMMON
26.REQUEST
30.RESET
M7E-01D
@N2, 01H@N2
31.POLARITY
(
+/− polarity)
10
°
To 101
240
Ω
240
Ω
240
Ω
240
Ω
+5 V
8
8
8
Short-
circuit
Note: The BCD output connector pin number is the D-sub connector pin number when
the BCD Output Cable (sold separately) is connected. This number differs from
the pin number for the Digital Indicator narrow pitch connector (manufactured by
Honda Tsushin Kogyo Co., Ltd.).
Refer to the following User's Manual for application precautions and other information required when using the Digital Indicator:
K3HB-R/P/C Digital Indicator User's Manual (Cat. No. N136)
The manual can be downloaded from the following site in PDF format: OMRON Industrial Web http://www.fa.omron.co.jp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com