Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
K3HB-R
■ Derating Curve for Sensor Power Supply (Reference Values)
For 12V
Note: 1. The above values were obtained under test conditions with the standard mounting. The derating curve will vary with the mounting
conditions, so be sure to adjust accordingly.
2. Internal components may be deteriorated or damaged. Do not use the Digital Indicator outside of the derating range (i.e., do not use it in
the area labeled A, above).
■ Internal Block Diagram
140
120
100
80
60
40
20
0
−20
−10
0
102030405060
Ambient temperature (
°C)
1
Keys
Micro-
computer
Waveform
shaping circuit
Waveform
shaping circuit
Drive
circuit
Indications
EEPROM
Drive
circuit
Digital input
circuit
Linear output
circuit
Filter
Pulse input
circuit
BCD
• Input circuit
• Output circuit
• Transistor
output circuit
Drive
circuit
Drive
circuit
Drive
circuit
Drive
circuit
Transistor
output
Relay output
Pulse input
BCD I/O
Event input
Linear output
Sensor power
supply
DeviceNet
Communications
DeviceNet
circuit
Communi-
cations
driver
X
Power supply
Power supply circuit (isolated)
VDD
VCOM
VO
DC-DC
Converter (isolated)
VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com