Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
K3HB-R
14
■ Dimensions
Wiring Precautions
• For terminal blocks, use the crimp terminals suitable for M3 screws.
• Tighten the terminal screws to the recommended tightening torque
of approx. 0.5 N·m.
• To prevent inductive noise, separate the wiring for signal lines from
that for power lines.
Wiring
• Use the crimp terminals suitable for M3 screws shown below.
Unit Stickers (included)
• No unit stickers are attached to the Digital Indicator.
• Select the appropriate units from the unit sticker sheets provided.
Mounting Method
1. Insert the K3HB into the mounting cutout in the panel.
2. Insert watertight packing around the Unit to make the mounting
watertight.
3. Insert the adapter into the grooves on the left and right sides of
the rear case and push until it reaches the panel and is fixed in
place.
LCD Field of Vision
The K3HB is designed to have the best visibility at the angles shown
in the following diagram.
Character Size for Main Display (mm)
Terminal: M3, Terminal Cover: Accessory
Terminal cover (included)
PV display
SV display
14.2
4.9
3.5
7.6
96
48
1.3
12
(112)
100
101.2
91
95 *
2
44.8
Panel Cutout Dimensions
120 min.
45
+0.6
0
92
+0.8
0
75 min.
*DeviceNet models: 97 mm
Mounting Recommended Panel Thickness
1 to 8 mm.
Mount the product horizontally.
Note: For measurements for commercial purposes, be sure to use
the unit required by any applicable laws or regulations.
5.8 mm max.
5.8 mm max.
Watertight
packing
Adaptor
10
°
30
°
Watertight Cover
Y92A-49N
Rubber Packing
K32-P1
If the rubber packing is lost or damaged, it can be ordered
using the following model number: K32-P1.
(Depending on the operating environment, deterioration,
contraction, or hardening of the rubber packing may occur and
so, in order to ensure the level of waterproofing specified in
NEMA4, periodic replacement is recommended.)
Note: Rubber packing is provided with the Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com