Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
K3HB-R
Common Specifications
■ Event Input Ratings
■ Output Ratings
Contact Output
Transistor Outputs
Linear Output
Serial Communications Output
BCD Output I/O Ratings
(Input Signal Logic: Negative)
K3HB-R
S-TMR, HOLD, RESET, BANK1, BANK2, BANK4
Contact
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact
ON residual voltage:
2 V max.
OFF leakage current:
0.1 mA max.
Load current:
4 mA max.
Maximum applied voltage: 30 VDC max.
Item
Resistive loads
(250 VAC, cos
φ=1;
30 VDC, L/R=0 ms)
Inductive loads
(250 VAC, closed
circuit, cos
φ=0.4;
30 VDC, L/R=7 ms)
Rated load
5 A at 250 VAC
5 A at 30 VDC
1 A at 250 VAC
1 A at 30 VDC
Mechanical life
expectancy
5,000,000 operations
Electrical life
expectancy
100,000 operations
Maximum load voltage 24 VDC
Maximum load current 50 mA
Leakage current
100
μA max.
Item
Outputs
0 to 20 mA
4 to 20 mA
0 to 5 V
1 to 5 V
0 to 10 V
Allowable load impedance
500
Ω max.
5 k
Ω min.
Resolution
Approx. 10,000
Output error
±0.5% FS
±0.5% FS
(±0.15 V for 1 V or less and no output for 0 V)
Item
Type
RS-232C, RS-485
Communications method Half duplex
Synchronization method
Start-stop synchronization (asynchronous)
Baud rate
9600/19200/38400 bps
Transmission code
ASCII
Data length
7 bits or 8 bits
Stop bit length
2 bits or 1 bit
Error detection
Vertical parity and FCS
Parity check
Odd, even
I/O signal name
Item
Rating
Inputs
REQUEST
HOLD
MAX
MIN
RESET
Input signal
No-voltage
contact input
Input current for no-voltage input 10 mA
Signal level ON voltage
1.5 V max.
OFF voltage
3 V min.
Outputs DATA
POLARITY
OVER
DATA VALID
RUN
Maximum load voltage
24 VDC
Maximum load current
10 mA
Leakage current
100
μA max.
HH
H
PASS
L
LL
Maximum load voltage
24 VDC
Maximum load current
50 mA
Leakage current
100
μA max.
Refer to the K3HB Communications User's Manual (Cat. No. N129)
for details on serial and DeviceNet communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com