Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  K3HB-R Datasheet HTML 1Page - Omron Electronics LLC K3HB-R Datasheet HTML 2Page - Omron Electronics LLC K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CSM_K3HB-R_DS_E_15_2
1
Rotary Pulse Indicator
K3HB-R
Digital Rotary Pulse Meter Capable of 50 kHz Measurements
• Visual confirmation of judgement results through display colors that switch
between red and green.
*1
• Measures High-speed Pulses at 50 kHz.
Provides high-speed pulse measurements up to 50 kHz of rotary encoder or ON/OFF pulse
signals and can perform rotating measurement of high-speed rotating objects.
Note: No-voltage contacts of up to 30 Hz are supported.
• Six Measurement Operations Including Rotation (rpm)/Circumferential
Speed, Ratio, and Cumulative
One Rotary Pulse Meter has 6 rotary pulse measurement functions to support a variety
of pulse measurement applications. Select the best function for your application from the
following: Rotation (rpm)/circumferential speed/instantaneous flowrate (value
proportional to frequency), absolute ratio, error ratio, error, flow rate ratio, and passing
speed (value inversely proportional to frequency).
• DeviceNet models added to the series.
*2
*1 Visual confirmation of judgement results is not supported on models that do not have an output
or models that do not support DeviceNet.
You can change the display color by setting it, but you cannot switch it based on the judgement results.
*2 DeviceNet models have a depth of 97 mm.
Model Number Structure
■ Model Number Legend
Base Units and Optional Boards can be ordered individually or as sets.
Note: The following combinations are not possible.
• Communications (FLK
@A) + DeviceNet (DRT)
• Communications (FLK
@A) + BCD output (BCD)
• Linear current/voltage (L
@A) + DeviceNet (DRT)
Refer to Safety Precautions for All Digital Panel
Meters
.
Base Units
1. Input Sensor Code
NB: NPN input/voltage pulse input
PB: PNP input
5. Supply Voltage
100-240 VAC:100 to 240 VAC
24 VAC/VDC: 24 VAC/VDC
Optional Boards
Sensor Power Supply/Output Boards
Relay/Transistor Output Boards
Event Input Boards
Base Units with Optional Boards
2. Sensor Power Supply/Output Type Code
None: None
CPA:
Relay output (PASS: SPDT) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 1.)
L1A:
Linear current output (0 to 20 or 4 to 20 mA DC) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
L2A:
Linear voltage output (0 to 5, 1 to 5, or 0 to 10 VDC) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
A:
Sensor power supply (12 VDC ±10%, 80 mA)
FLK1A: Communications (RS-232C) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
FLK3A: Communications (RS-485) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
Note: 1. CPA can be combined with relay outputs only.
2. Only one of the following can be used by each Digital Indicator: RS-232C/RS-
485 communications, a linear output, or DeviceNet communications.
3. Relay/Transistor Output Type Code
None: None
C1:
Relay contact (H/L: SPDT each)
C2:
Relay contact (HH/H/LL/L: SPST-NO each)
T1:
Transistor (NPN open collector: HH/H/PASS/L/LL)
T2:
Transistor (PNP open collector: HH/H/PASS/L/LL)
BCD
*:BCD output + transistor output (NPN open collector: HH/H/PASS/L/LL)
DRT: DeviceNet (See note 2.)
* A Special BCD Output Cable (sold separately) is required.
4. Event Input Type Code
None: None
1:
5 inputs (M3 terminal blocks), NPN open collector
2:
8 inputs (10-pin MIL connector), NPN open collector
3:
5 inputs (M3 terminal blocks), PNP open collector
4:
8 inputs (10-pin MIL connector), PNP open collector
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
15
K3HB-R
@
2
K33-
@
3
K34-
@
4
K35-
@
12 3 4
5
K3HB-R
@-@@@


Similar Part No. - K3HB-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3HB-R OMRON-K3HB-R Datasheet
1Mb / 32P
Digital Indicators
More results

Similar Description - K3HB-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3917A STMICROELECTRONICS-ST3917A Datasheet
181Kb / 16P
SPEECH - TONE/PULSE DIALER - LED INDICATOR
Jul-1996
logo
Purdy Electronics Corpo...
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
Wheel/Indicator Type Rotary DIP Code Switches
logo
Red Lion Controls. Inc
ZCG0060C REDLION-ZCG0060C Datasheet
451Kb / 4P
MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
ZCG0200C REDLION-ZCG0200C Datasheet
451Kb / 4P
MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
ZCH0100C REDLION-ZCH0100C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZDH0100H REDLION-ZDH0100H Datasheet
102Kb / 2P
MODEL ZDH - 2 FLANGE MOUNT ROTARY PULSE GENERATOR
ZFH0100C REDLION-ZFH0100C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZFH0200C REDLION-ZFH0200C Datasheet
347Kb / 4P
MODEL ZCH - QUADRATURE OUTPUT ROTARY PULSE GENERATOR
ZGG0001C REDLION-ZGG0001C Datasheet
451Kb / 4P
MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
ZNH0060H REDLION-ZNH0060H Datasheet
102Kb / 2P
MODEL ZDH - 2 FLANGE MOUNT ROTARY PULSE GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com