Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
K3HB-R
8
DeviceNet Communications
Communications protocol
Conforms to DeviceNet
Supported
communications
Remote I/O
communications
Master-Slave connection (polling, bit-strobe, COS, cyclic)
Conforms to DeviceNet communications standards.
I/O allocations
Allocate any I/O data using the Configurator.
Allocate any data, such as DeviceNet-specific parameters and variable area for Digital Indicators.
Input area: 2 blocks, 60 words max.
Output area: 1 block, 29 words max.
(The first word in the area is always allocated for the Output Execution Enabled Flags.)
Message
communications
Explicit message communications
CompoWay/F communications commands can be executed
(using explicit message communications)
Connection methods
Combination of multi-drop and T-branch connections (for trunk and drop lines)
Baud rate
DeviceNet: 500, 250, or 125 Kbps (automatic follow-up)
Communications media
Special 5-wire cable (2 signal lines, 2 power supply lines, 1 shield line)
Communications distance
The values in parentheses are for Thick Cable.
Communications power supply
24-VDC DeviceNet power supply
Allowable voltage fluctuation range
11 to 25-VDC DeviceNet power supply
Current consumption
50 mA max. (24 VDC)
Maximum number of nodes
64 (DeviceNet Configurator is counted as one node when connected.)
Maximum number of slaves
63
Error control checks
CRC errors
DeviceNet power supply
Supplied from DeviceNet communications connector
Baud rate
Network length
(max.)
Drop line length
(max.)
Total drop line length
(max.)
500 Kbps
100 m max.
(100 m max.)
6 m max.
39 m max.
250 Kbps
100 m max.
(250 m max.)
6 m max.
78 m max.
125 Kbps
100 m max.
(500 m max.)
6 m max.
156 m max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com