Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 43 Page - Metcal

Part # WS1
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 43 Page - Metcal

Back Button WS1 Datasheet HTML 39Page - Metcal WS1 Datasheet HTML 40Page - Metcal WS1 Datasheet HTML 41Page - Metcal WS1 Datasheet HTML 42Page - Metcal WS1 Datasheet HTML 43Page - Metcal WS1 Datasheet HTML 44Page - Metcal WS1 Datasheet HTML 45Page - Metcal WS1 Datasheet HTML 46Page - Metcal WS1 Datasheet HTML 47Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
4040
Systems
APR-5000-DZ
200-240VACAdvancedPackageReworkSystem
APR-5000-DZ-TAB
200-240VACAdvancedPackageReworkSystemwithXYTable
APR-5000-XLS
200-240VACAdvancedPackageReworkSystem
APR-5000-XL
200-240VACAdvancedPackageReworkSystem
SystemswillbeconfiguredwithdesktopPCandmonitor.Finalpricingwilldepend
onconfigurationandlanguageversion.
Systems Include
VNZ-19
VacuumPick-UpNozzle19mmO/D**
VNZ-12
VacuumPick-UpNozzle12mmO/D
VNZ-08
VacuumPick-UpNozzle8mmO/D
VNZ-05
VacuumPick-UpNozzle5mmO/D
VNZ-03
VacuumPick-UpNozzle3mmO/D
VNZ-01
VacuumPick-UpNozzle1mmO/D
FS-APR
PCBSupportFingerShort(4included)*
FSS-APR
PCBSupportFingerShort(8included)**
FSL-APR
PCBSupportFingerShort(4includedwithAPR-5000
8withAPR-5000-XLS/XL)
UBS-APR
UnderBoardSupport*
UBS-APR-XL
UnderBoardSupport**
APR-TC3
ColourFineGaugeThermocouples(includes3)*
APR-TC5
ColourFineGaugeThermocouples(includes5)**
19782
AdjustableBGACenteringNest**
20987
AdjustableCSPCenteringNest
20534
SqueegeeBladeHolderforPrinting
APR-TAB
XYTable***
SOFT-APR-5000-DZ
InstallationSoftware*
SOFT-APR-5000-XL
InstallationSoftware**
Cables
Power,Communication&VideoCables
(*APR-5000-DZ/-TAB, **APR-5000-XL / -XLS, ***APR-5000-DZ-TAB)
Optional Accessories
FS-APR-2
PCBSupportFingerShort(Packof2)
FL-APR-2
PCBSupportFingerLong(Packof2)
FSL-APR-2
PCBSpringSupportFingerLong(Packof2)
FSS-APR-2
PCBSpringSupportFingerShort(Packof2)
FLS-APR-2
LargePCBFingerShort(Packof2)
FLL-APR-2
LargePCBFingerLong(Packof2)
FLSS-APR-2
LargePCBSpringFingerShort(Packof2)
FLSL-APR-2
LargePCBSpringFingerLong(Packof2)
UBS-APR
UnderBoardSupportAPR-5000
UBS-APR-XL
UnderBoardSupportAPR-5000-XL
APR-DK1
DemonstrationPCBwithBGA&CSP
ComponentKit
APR-DK2
DemonstrationPCBwithBGA&CSPComponentKit,
includesclearPCBforalignment
PF-1
PrintPreparationPlate
VAC-P100
Self-adhesiveplatesforremovalofnon-uniform
components
APR-LRK
PCBLargeRailKit-Fitsboardsupto12"x12"
(30.5cmx30.5cm)
VNZ-005
Vacuumpickupnozzle0.5mmOD
APR-TAB
XYboardholderandplacementtableforAPR-5000-DZ
APR-XL-PHNK
Lead-freeupgradekit(forAPR-5000-XL/-XLS)including:
-Software
-PreHeaterNozzle,50mm
-PreHeaterNozzle,45mm
-PreHeaterNozzle,35mm
-PreHeaterNozzle,Base
Technical Specifications
APR-5000-DZ/-TAB
APR-5000-XLS/XL
Input Voltage
200-240VAC,
200-240VAC
50/60Hz
50/60Hz
20AmpSinglePhase
20AmpSinglePhase
Power Consumption
System Total
2600W
3500W
Pre-Heater
1800W
2800W
Inner Zone
900W
1400W
Outer Zone
1800W
2800W
Reflow Heater
550W
550W
Temperature
Control Type
Closed-LoopControl
Closed-LoopControl
(RTDSensors)
(RTDSensors)
Maximum Source
Temperature
Reflow Head
400ºC(752ºF)
400ºC(752ºF)
Pre-Heater
350ºC(662ºF)
350ºC(662ºF)
Airflow
Control
Pre-Setto8,16&24I/min Pre-Setto8,16&24I/min
Supply
Self-ContainedPump
Self-ContainedPump
Nitrogen Input
StandardFeature
StandardFeature
(requires65psior4.6bar) (requires65psior4.6bar)
Component Handling
Maximum Size
1.4"x1.4"
2.2"x2.2"
(35mmx35mm)
(56mmx56mm)
Minimum Size
0.020"x0.010"
0.020"x0.010"
(0.51mmx0.25mm)
(0.51mmx0.25mm)
Maximun Weight
55g(1.94oz)
55g(1.94oz)
PCB Handling Capability
Maximum Size
15"x9"
24.5"x24.5"
(381mmx229mm)
(622mmx622mm)
Rework Area
9"x12"
22.5"x24.5"
(229mmx305mm)
(572mmx622mm)
Optionallargerailkit 12"x12"(305mmx305mm)
(APR-5000-DZonly) w/APR-LRKLargeRailKit Notavailable
Aligned inner
8"x8"(203mmx203mm) 17.5"x17.5"(445mmx445mm)
preheater and
notsuggestedwithout
reflow heater
XYtable
Maximum Thickness
0.25"(6mm)
0.25"(6mm)
XY Table
StandardonAPR-5000 Notavailable
-DZ-TAB
OptionalonAPR-5000-DZ
Vision
Maximum Field of View
1.4"x1.4"(35mmx35mm) 2.2"x2.2"(55mmx55mm)
Optional Split Field
Cornercrossoveron
(APR-5000-XLS only)
Notavailable
largecomponent
System Dimensions
W x D x H
19"x30"x30"
36"x36"x33"
(483mmx762mmx762mm) (914mmx914mmx838mm)
Weight
130ibs(60Kg)
220lbs(100Kg)
System Warranty
1Year
1Year
(ExcludingConsumables) (ExcludingConsumables)
Agency Approvals
CE
CE
cETLus
cTUVus
GS
withBGAatPCBcorneroredge18.5"x18.5"
(470mmx470mm)withBGAat1"fromPCB
corneroredge.
APR-TAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com